Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D5B5013 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part No. D5B5013
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

D5B5013 Datasheet(HTML) 2 Page - Omron Electronics LLC

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
D5B
Specifications
Structure and Nomenclature
Structure
Contact Form
Note: Specifications for normally open (N.O.) contacts are not available.
Dimensions and Operating Characteristics
(Unit: mm)
Dimensions
M5 Type (The square
@ in the models represents the cable length. Refer to Ordering Information.)
Note: 1. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
2. The threads of the case are not standard; 0.5-mm pitch. Therefore standard tapping to the case is not possible for mounting.
Ratings
Characteristics
Electrical ratings
1 mA at 5 VDC to 30 mA at 30 VDC (resistive load)
Degree of protection
IP67
Durability *1
Mechanical
10,000,000 operations min.
Electrical
5,000,000 operations min. (at 30 mA 30 VDC resistive load)
Operating speed
5 to 500 mm/s
Operating
frequency
Mechanical
120 operations/min.
Electrical
60 operations/min.
Insulation resistance
100 M
Ω min. at 250 VDC between each terminal and
non-current-carrying metal parts
Contact resistance
With 1 m cable:700 m
Ω max. (initial value)
With 3 m cable:1.9
Ω max. (initial value)
With 5 m cable:3.1
Ω max. (initial value)
Dielectric
strength
(50/60 Hz
1min)
Between terminals of
same polarity
250 VAC (at TTP)
Between each terminal
and non-current-carrying
metal parts
1,000 VAC (600 VAC for M5 model)
Vibration
resistance
Malfunction
10 to 55 Hz, 1.5-mm double amplitude *2
Shock
resistance
Mechanical
1,000 m/s2 max.
Malfunction
300 m/s2 max. *3
Ambient operating temperature
−10°C to +70°C (with no icing)
Ambient operating humidity
35% to 95%RH
Actuator strength
14.7 N *4
Weight
Switch
M5: Approx. 14 g, M8: Approx. 20 g, M10: Approx. 21 g
Cable
Approx. 10 g/m
Engineering Data
Electrical Durability (cos
φ=1)
(Operating temperature: +5
°C to +35°C,
Operating humidity: 40% to 70%RH.)
3,000
1,000
5,000
300
200
100
700
500
0
10
20
30
40
Switching current (mA)
30 VDC
Note: The above figures are initial values.
*1. Durability values are calculated at an operating
temperature of +5
°C to +35°C, and an operating
humidity of 40% to 70%RH.
Contact your OMRON sales representative for more
detailed information on other operating environments.
*2. 16.7 Hz, 1-mm double amplitude for wobble stick models.
*3. 50 m/s2 max. for wobble stick models.
*4. Excluding the wobble stick models.
Reset spring
Mounting nut
Axis
Cable
(V-HKCVV)
Resin
Base
Case (PBT)
Reset spring
Actuator
(POM)
Rubber boot
(NBR)
Plunger
(POM)
Brown
Blue
(Normally closed contact)
2.5
2.15
(Rising part of the ball)
Clamping nut
Toothed lock washer
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
(Ball 2.15R)
4.3 dia.
Resin plunger
2.4
5.9
16.2
(24.5)
8
(9.2)
*
* Operating characteristics (X, Y) measuring position
D5B-501
@
2.5
1
Clamping nut
Toothed lock washer
0.5R
4.3 dia.
Resin plunger
5.9
4.9
16.2
(27)
8
(9.2)
*
* Operating characteristics (X, Y) measuring position
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
D5B-502
@
2.5
5
Clamping nut
Toothed lock washer
4.3
dia.
6
41.9±2
16.2
(64.1)
8
(9.2)
*
2.3
dia.
0.4
dia.
6.9±2
2
Stainless steel wire
* Operating characteristics (X, Y) measuring position
S-FLEX V-HKCVV
equal level, 3 dia.
0.08 mm2 Two conductors
(see note 2)
M5
× 0.5
D5B-551
@


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn