Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D5B5013 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part No. D5B5013
Description  Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OMRON [Omron Electronics LLC]
Homepage  http://www.omron.com/index3.html
Logo 

D5B5013 Datasheet(HTML) 1 Page - Omron Electronics LLC

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CSM_D5B_DS_E_3_2
1
Mechanical Touch Switch
D5B
Detects Objects in Multiple Directions
with High Sensitivity, Ideal for Robotics
• Slow-action switching mechanism used.
• Gold-plated contact with coil spring capable of switching
micro current/voltage load while providing high contact
reliability.
• Inputs directly to microcomputers and programmable
controllers.
• Three sizes (M10, M8, and M5) and three types of compact
actuators.
• Easy panel mounting.
Be sure to read Safety Precautions on page 4 and Safety Precautions for
All Limit Switches.
Model Number Structure
Model Number Legend
D5B-
@@@
(1) (2) (3)
Ordering Information
Type
M5
M8
M10
Actuator
Cable length (m)
Model
Model
Hemispheric actuator
1
D5B-5011
D5B-8011
D5B-1011
3
D5B-5013
D5B-8013
D5B-1013
5
D5B-5015
D5B-8015
D5B-1015
Cone-shaped actuator
1
D5B-5021
D5B-8021
D5B-1021
3
D5B-5023
D5B-8023
D5B-1023
5
D5B-5025
D5B-8025
D5B-1025
Wobble
stick
actuator
Short
spring
1
D5B-5511
D5B-8511
D5B-1511
3
D5B-5513
D5B-8513
D5B-1513
5
D5B-5515
D5B-8515
D5B-1515
Long
spring
1
---
---
D5B-1531
3
D5B-1533
5
D5B-1535
(1) Size
5: M5
8: M8
1: M10
(2) Actuator
01: Hemispheric
02: Cone-shaped
51: Wobble stick (short spring)
53: Wobble stick (long spring). Only with the M10 type.
(3) Cable length
1: 1 m
3: 3 m
5: 5 m


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn