Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM25C160B Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # FM25C160B
Description  16-Kbit (2 K 횞 8) Serial (SPI) Automotive F-RAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25C160B Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button FM25C160B Datasheet HTML 2Page - Cypress Semiconductor FM25C160B Datasheet HTML 3Page - Cypress Semiconductor FM25C160B Datasheet HTML 4Page - Cypress Semiconductor FM25C160B Datasheet HTML 5Page - Cypress Semiconductor FM25C160B Datasheet HTML 6Page - Cypress Semiconductor FM25C160B Datasheet HTML 7Page - Cypress Semiconductor FM25C160B Datasheet HTML 8Page - Cypress Semiconductor FM25C160B Datasheet HTML 9Page - Cypress Semiconductor FM25C160B Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
FM25C160B
Document Number: 001-86150 Rev. *A
Page 6 of 20
SPI Modes
FM25C160B may be driven by a microcontroller with its SPI
peripheral running in either of the following two modes:
SPI Mode 0 (CPOL = 0, CPHA = 0)
SPI Mode 3 (CPOL = 1, CPHA = 1)
For both these modes, the input data is latched in on the rising
edge of SCK starting from the first rising edge after CS goes
active. If the clock starts from a HIGH state (in mode 3), the first
rising edge after the clock toggles is considered. The output data
is available on the falling edge of SCK.
The two SPI modes are shown in Figure 4 on page 6 and Figure
5 on page 6. The status of the clock when the bus master is not
transferring data is:
SCK remains at 0 for Mode 0
SCK remains at 1 for Mode 3
The device detects the SPI mode from the status of the SCK pin
when the device is selected by bringing the CS pin LOW. If the
SCK pin is LOW when the device is selected, SPI Mode 0 is
assumed and if the SCK pin is HIGH, it works in SPI Mode 3.
Power Up to First Access
The FM25C160B is not accessible for a tPU time after power up.
Users must comply with the timing parameter tPU, which is the
minimum time from VDD (min) to the first CS LOW.
Command Structure
There are six commands, called opcodes, that can be issued by
the bus master to the FM25C160B. They are listed in Table 1.
These opcodes control the functions performed by the memory.
WREN - Set Write Enable Latch
The FM25C160B will power up with writes disabled. The WREN
command must be issued before any write operation. Sending
the WREN opcode allows the user to issue subsequent opcodes
for write operations. These include writing the Status Register
(WRSR) and writing the memory (WRITE).
Sending the WREN opcode causes the internal Write Enable
Latch to be set. A flag bit in the Status Register, called WEL,
indicates the state of the latch. WEL = ‘1’ indicates that writes are
permitted. Attempting to write the WEL bit in the Status Register
has no effect on the state of this bit – only the WREN opcode can
set this bit. The WEL bit will be automatically cleared on the rising
edge of CS following a WRDI, a WRSR, or a WRITE operation.
This prevents further writes to the Status Register or the F-RAM
array without another WREN command. Figure 6 illustrates the
WREN command bus configuration.
WRDI - Reset Write Enable Latch
The WRDI command disables all write activity by clearing the
Write Enable Latch. The user can verify that writes are disabled
by reading the WEL bit in the Status Register and verifying that
WEL is equal to ‘0’. Figure 7 illustrates the WRDI command bus
configuration.
Figure 4. SPI Mode 0
Figure 5. SPI Mode 3
LSB
MSB
7
654
321
0
CS
SCK
SI
01
2
3
4
5
67
CS
SCK
SI
7
654
32
10
LSB
MSB
01
2
3
4
5
67
Table 1. Opcode commands
Name
Description
Opcode
WREN
Set write enable latch
0000 0110b
WRDI
Write disable
0000 0100b
RDSR
Read Status Register
0000 0101b
WRSR
Write Status Register
0000 0001b
READ
Read memory data
0000 0011b
WRITE
Write memory data
0000 0010b
Figure 6. WREN Bus Configuration
Figure 7. WRDI Bus Configuration
0
0
0
0
0
1
1
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
0
0
0
CS
SCK
SI
SO
HI-Z
0
1
2
3
4
5
6
7
0
0
00
1


Similar Part No. - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Ramtron International C...
FM25C160B RAMTRON-FM25C160B Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B CYPRESS-FM25C160B Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
FM25C160B CYPRESS-FM25C160B Datasheet
408Kb / 14P
   16Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25C160B-G RAMTRON-FM25C160B-G Datasheet
171Kb / 13P
   16Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25C160B-G CYPRESS-FM25C160B-G Datasheet
451Kb / 13P
   16Kb Serial 5V F-RAM Memory
More results

Similar Description - FM25C160B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY15E016Q CYPRESS-CY15E016Q Datasheet
613Kb / 20P
   16-Kbit (2K 횞 8) Serial (SPI) Automotive F-RAM
CY15B004Q CYPRESS-CY15B004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15E004Q CYPRESS-CY15E004Q Datasheet
686Kb / 22P
   4-Kbit (512 횞 8) Serial (SPI) Automotive F-RAM
CY15B128Q CYPRESS-CY15B128Q Datasheet
2Mb / 22P
   128-Kbit (16K 횞 8) Automotive Serial (SPI) F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B256Q CYPRESS-CY15B256Q Datasheet
778Kb / 22P
   256-Kbit (32K 횞 8) Automotive Serial (SPI) F-RAM
CY15B102Q CYPRESS-CY15B102Q Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
FM25V01A CYPRESS-FM25V01A Datasheet
777Kb / 22P
   128-Kbit (16K 횞 8) Serial (SPI) F-RAM
FM25V20A CYPRESS-FM25V20A Datasheet
1Mb / 22P
   2-Mbit (256 K 횞 8) Serial (SPI) F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com