Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EZADT Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # EZADT
Description  Chip RC Networks
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EZADT Datasheet(HTML) 7 Page - Panasonic Semiconductor

  EZADT Datasheet HTML 1Page - Panasonic Semiconductor EZADT Datasheet HTML 2Page - Panasonic Semiconductor EZADT Datasheet HTML 3Page - Panasonic Semiconductor EZADT Datasheet HTML 4Page - Panasonic Semiconductor EZADT Datasheet HTML 5Page - Panasonic Semiconductor EZADT Datasheet HTML 6Page - Panasonic Semiconductor EZADT Datasheet HTML 7Page - Panasonic Semiconductor EZADT Datasheet HTML 8Page - Panasonic Semiconductor EZADT Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Chip RC Networks
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
GND
c
f2
b
P
Land pattern
Solder resistant
GND
f2
P
c db
Land pattern
Land pattern
P
b
g
c
g
c
P
b
Land pattern
h
g
c
P
b
Land pattern
Recommended Land Pattern Design
●EZAST/SS
●EZACT
●EZASTB/SSB
●EZANT
• Design to make GND pattern as large as possible, because high
frequency noise is removed from GND terminals of chip RC network.
abcd
Dimensions
(mm)
1.2 to 1.4
0.4
3.1 to 3.3
0.4 to 0.5
ef1
f2
P
Dimensions
(mm)
0.8
2.9 to 3.3
4.8 to 5.2
0.8
abcd
Dimensions
(mm)
0.75
0.25
1.70
0.35
eh
g
P
Dimensions
(mm)
1.85
2.60
0.25
0.60
abcd
Dimensions
(mm)
1.4 to 1.6
0.35
0.45
0.3
f1
f2
P
Dimensions
(mm)
2.7 to 3.5
3.8
0.65
abcd
Dimensions
(mm)
2.3 to 2.5
0.4 to 0.6
5.6 to 5.8
0.4 to 0.8
fg
P
Dimensions
(mm)
4.3 to 4.7
7.6 to 8.0
1.27
●EZADT
abcd
Dimensions
(mm)
0.9 to 1.1
0.2 to 0.3
2.6 to 2.8
0.3 to 0.4
fg
P
Dimensions
(mm)
2.0 to 2.6
3.6 to 4.2
0.635
Feb. 2006


Similar Part No. - EZADT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZADT PANASONIC-EZADT Datasheet
430Kb / 9P
   Chip RC Networks
EZADT PANASONIC-EZADT Datasheet
430Kb / 9P
   Chip RC Networks
More results

Similar Description - EZADT

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZA-CT31AAAJ PANASONIC-EZA-CT31AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
EZA-ST61AAAJ PANASONIC-EZA-ST61AAAJ Datasheet
430Kb / 9P
   Chip RC Networks
logo
Bourns Electronic Solut...
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
   RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
700 BOURNS-700 Datasheet
332Kb / 2P
   RC Terminator Networks
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
   RC Terminator Networks
4420P-601-RC BOURNS-4420P-601-RC Datasheet
220Kb / 2P
   RC Networks T-Filters
logo
Rohm
MNR15 ROHM-MNR15 Datasheet
102Kb / 5P
   Chip resistor networks
MNR35 ROHM-MNR35 Datasheet
97Kb / 5P
   Chip resistor networks
MNR02 ROHM-MNR02_1 Datasheet
105Kb / 6P
   Chip resistor networks
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com