Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVM2G Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVM2G
Description  2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVM2G Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVM2G Datasheet HTML 1Page - Panasonic Semiconductor EVM2G Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Trimmer Potentiometers/EVM2G/2N/2W
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Product Code
Packaging
Taper & Resistance
Example : B52=500
12345
6
789
10
11
12
Type/Structure
(2G, 2N, 2W)
Recommended Applications
● Audio/visual, office, and communication equipment
● General electronic equipment
2 mm Square Low-Profile SMT Trimmer
Potentiometers
(Cermet, Open Frame Type)
Type:
EVM2G
EVM2N
EVM2W
Features
● Low-profile
0.85 mm (0.95 mm max.) EVM2G
0.81 mm (0.95 mm max.) EVM2N
1.05 mm (1.2 mm max.) EVM2W
● Automatic adjustment type (EVM2W)
● High reliability realized by cermet element
● Excellent mountability
● Conforms to JIS C5260-1:1999
● RoHS compliant
Explanation of Part Numbers
Specifications
Minimum Quantity/Packing Unit
Part Number
Taping
Quantity per reel
Packaging quantity
Dia. of reel
(mm)
EVM2G
EVM2N
EVM2W
3000
15000
0178
Total Resistance Value
Resistance Tolerance
100
Ω to 1 MΩ
EVM2G : ±20 %, EVM2N, 2W : ±25 %,
Power Rating
Limiting Element Voltage
0.15 W
50 V
Rotation Torque
EVM2G, 2N : 0.5 to 10 mN·m
EVM2W : 1 to 15 mN·m
Temperature Coefficient of Resistance
±250
× 10–6/°C
The standard packaging methods for a reel is
0178.
Please contact us, if you would like different packaging methods. (Bulk, Reel of
0330, Reel of 0380)
2G, 2N
2W
Oct. 2013
02
2


Similar Part No. - EVM2G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM2G PANASONIC-EVM2G Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
More results

Similar Description - EVM2G

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVM-2NSX80B24 PANASONIC-EVM-2NSX80B24 Datasheet
88Kb / 3P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-2NSX80B15 PANASONIC-EVM-2NSX80B15 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM2T PANASONIC-EVM2T Datasheet
43Kb / 1P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-2NSX80B22 PANASONIC-EVM-2NSX80B22 Datasheet
88Kb / 3P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B24 PANASONIC-EVM-3WSX80B24 Datasheet
63Kb / 1P
   3 mm Square Low-Profi le SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
EVM-3YSX50B13 PANASONIC-EVM-3YSX50B13 Datasheet
149Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3YSX50B14 PANASONIC-EVM-3YSX50B14 Datasheet
108Kb / 3P
   3 mm Square SMT Trimmer Potentiometers (Cermet, Open Frame Type)
EVM-3WSX80B14 PANASONIC-EVM-3WSX80B14 Datasheet
76Kb / 2P
   3 mm Square Low-Profile SMT Trimmer Potentiometers ( Cermet, Open Frame Type)
EVM-3VSX50B54 PANASONIC-EVM-3VSX50B54 Datasheet
62Kb / 1P
   3 mm Square SMT Trimmer Potentiometers with the rotation stopper (Cermet, Open Frame Type)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com