Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50-57-9207 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 50-57-9207
Description  SL??Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

50-57-9207 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  50-57-9207 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 03/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
50-57-9207
Status:
Active
Overview:
SL™ Modular Connectors
Description:
SL™ Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits
Documents:
3D Model
Product Specification PS-71851 (PDF)
Drawing (PDF)
Test Summary TS-70058-001 (PDF)
Product Specification PS-70058 (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-70400 (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
Crimp Housings
Series
70066
Application
Signal, Wire-to-Board
Comments
Version C
Overview
SL™ Modular Connectors
Product Name
SL™
UPC
800753512191
Physical
Circuits (maximum)
7
Color - Resin
Black
Flammability
94V-0
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
No
Material - Resin
Polyester Alloy
Net Weight
0.051/g
Number of Rows
1
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
2.54mm
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Electrical
Current - Maximum per Contact
3A
Material Info
Old Part Number
70066-0076
Reference - Drawing Numbers
Product Specification
PS-70058, PS-70400, PS-71851
Sales Drawing
SD-70066-0071-0094
Test Summary
TS-70058-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70066Series
Mates With
70543 , 70545 , 70553 , 70555 , 70541 ,
70551 , 70634 , 74099
Use With
SL™ Crimp Terminal 70058 , 71851
This document was generated on 03/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 50-57-9207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
50-57-9207 MOLEX3-50-57-9207 Datasheet
121Kb / 2P
   2.54mm (.100") Pitch SL??Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits
More results

Similar Description - 50-57-9207

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0050579207 MOLEX1-0050579207_17 Datasheet
44Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits
0050579207 MOLEX1-0050579207_18 Datasheet
48Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 7 Circuits, Black
50-57-9203 MOLEX11-50-57-9203 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 3 Circuits
50-57-9209 MOLEX11-50-57-9209 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 9 Circuits
50-57-9211 MOLEX11-50-57-9211 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 11 Circuits
50-57-9215 MOLEX11-50-57-9215 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 15 Circuits
50-57-9221 MOLEX11-50-57-9221 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 21 Circuits
50-57-9225 MOLEX11-50-57-9225 Datasheet
49Kb / 1P
   SL??Crimp Housing, Single Row, Version C, Front Ribs, 25 Circuits
0050579205 MOLEX1-0050579205_17 Datasheet
44Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 5 Circuits
0050579213 MOLEX1-0050579213_17 Datasheet
44Kb / 2P
   SL Crimp Housing, Single Row, Version C, Front Ribs, 13 Circuits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com