Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPM9320LI84-20 Datasheet(PDF) 36 Page - Altera Corporation

Part # EPM9320LI84-20
Description  Programmable Logic Device Family
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EPM9320LI84-20 Datasheet(HTML) 36 Page - Altera Corporation

Back Button EPM9320LI84-20 Datasheet HTML 32Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 33Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 34Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 35Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 36Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 37Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 38Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 39Page - Altera Corporation EPM9320LI84-20 Datasheet HTML 40Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 46 page
background image
36
Altera Corporation
MAX 9000 Programmable Logic Device Family Data Sheet
The parameters in this equation are shown below:
MCTON = Number of macrocells with the Turbo Bit option turned on,
as reported in the MAX+PLUS II Report File (.rpt)
MCDEV = Number of macrocells in the device
MCUSED = Number of macrocells used in the design, as reported in the
MAX+PLUS II Report File
fMAX
= Highest clock frequency to the device
togLC
= Average percentage of logic cells toggling at each clock
(typically 12.5%)
A, B, C
= Constants, shown in Table 25
This calculation provides an ICC estimate based on typical conditions with
no output load, using a typical pattern of a 16-bit, loadable, enabled
up/down counter in each LAB. Actual ICC values should be verified
during operation, because the measurement is sensitive to the actual
pattern in the device and the environmental operating conditions.
Figure 15 shows typical supply current versus frequency for MAX 9000
devices.
Table 25. MAX 9000 ICC Equation Constants
Device
Constant A
Constant B
Constant C
EPM9320
0.81
0.33
0.056
EPM9320A
0.56
0.31
0.024
EPM9400
0.60
0.33
0.053
EPM9480
0.68
0.29
0.064
EPM9560
0.68
0.26
0.052
EPM9560A
0.56
0.31
0.024


Similar Part No. - EPM9320LI84-20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EPM9320LC84-15 ALTERA-EPM9320LC84-15 Datasheet
569Kb / 46P
   Programmable Logic Device Family
More results

Similar Description - EPM9320LI84-20

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
EP20K400EFI672-2X ALTERA-EP20K400EFI672-2X Datasheet
724Kb / 117P
   Programmable Logic Device Family
EPM7128SLC84-15 ALTERA-EPM7128SLC84-15 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7128STC100-15N ALTERA-EPM7128STC100-15N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM3064ATC44-10N ALTERA-EPM3064ATC44-10N Datasheet
715Kb / 46P
   Programmable Logic Device Family
EP1K30TC144-3N ALTERA-EP1K30TC144-3N Datasheet
1Mb / 86P
   Programmable Logic Device Family
EPM7192SQI160-10N ALTERA-EPM7192SQI160-10N Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPM7160STI100-10 ALTERA-EPM7160STI100-10 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EPF8282ALC84-4 ALTERA-EPF8282ALC84-4 Datasheet
957Kb / 62P
   Programmable Logic Device Family
EPM5064JC-1 ALTERA-EPM5064JC-1 Datasheet
831Kb / 36P
   Programmable Logic Device Family
EPM7032LC44-7 ALTERA-EPM7032LC44-7 Datasheet
1Mb / 66P
   Programmable Logic Device Family
EP1K10TC144-2N ALTERA-EP1K10TC144-2N Datasheet
1Mb / 86P
   Programmable Logic Device Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com