Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UFZ34G-TM3-T Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UFZ34G-TM3-T
Description  28A, 60V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UFZ34G-TM3-T Datasheet(HTML) 5 Page - Unisonic Technologies

  UFZ34G-TM3-T Datasheet HTML 1Page - Unisonic Technologies UFZ34G-TM3-T Datasheet HTML 2Page - Unisonic Technologies UFZ34G-TM3-T Datasheet HTML 3Page - Unisonic Technologies UFZ34G-TM3-T Datasheet HTML 4Page - Unisonic Technologies UFZ34G-TM3-T Datasheet HTML 5Page - Unisonic Technologies UFZ34G-TM3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UFZ34
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-900-.a
TEST CIRCUITS AND WAVEFORMS
VDS
+
-
DUT
RG
dv/dt controlled by RG
ISD controlled by pulse period
VDD
Same Type
as DUT
ISD
VGS
L
Driver
VGS
(Driver)
ISD
(DUT)
VDS
(DUT)
D=
Gate Pulse Width
Gate Pulse Period
10V
di/dt
Body Diode Reverse Current
IRM
Body Diode Recovery dv/dt
VDD
VSD
Body Diode Forward
Voltage Drop
IFM, Body Diode Forward Current
Peak Diode Recovery dv/dt Test Circuit and Waveforms


Similar Part No. - UFZ34G-TM3-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UFZ01A4A1 ETC1-UFZ01A4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01A6A1 ETC1-UFZ01A6A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B4A1 ETC1-UFZ01B4A1 Datasheet
77Kb / 1P
   FR08C
UFZ01B6A1 ETC1-UFZ01B6A1 Datasheet
77Kb / 1P
   FR08C
logo
Unisonic Technologies
UFZ24N UTC-UFZ24N Datasheet
187Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - UFZ34G-TM3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UFZ24N UTC-UFZ24N Datasheet
187Kb / 6P
   28A, 60V N-CHANNEL POWER MOSFET
logo
Tak Cheong Electronics ...
TFF50N06 TAK_CHEONG-TFF50N06 Datasheet
309Kb / 8P
   N-Channel Power MOSFET 28A, 60V, 0.023廓
logo
Taiwan Semiconductor Co...
TSM280NB06LCR TSC-TSM280NB06LCR Datasheet
312Kb / 6P
   N-Channel Power MOSFET 60V, 28A, 28m廓
logo
STMicroelectronics
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
   N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET??II POWER MOSFET
logo
Intersil Corporation
IRF140 INTERSIL-IRF140 Datasheet
55Kb / 7P
   28A, 100V, 0.077 Ohm, N-Channel Power MOSFET
logo
Unisonic Technologies
UT40N03T UTC-UT40N03T Datasheet
230Kb / 4P
   30V, 28A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
KIA Semiconductor Techn...
28N50H KIA-28N50H Datasheet
347Kb / 5P
   28A竊?00V N-CHANNEL MOSFET
logo
Taiwan Semiconductor Co...
TSM230N06PQ56 TSC-TSM230N06PQ56 Datasheet
783Kb / 6P
   60V N-Channel Power MOSFET
TSM210N06 TSC-TSM210N06 Datasheet
68Kb / 4P
   60V N-Channel Power MOSFET
TSM60N06 TSC-TSM60N06_15 Datasheet
302Kb / 4P
   60V N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com