Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1943G Datasheet(PDF) 4 Page - Clare, Inc.

Part # CPC1943G
Description  AC Power Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1943G Datasheet(HTML) 4 Page - Clare, Inc.

  CPC1943G Datasheet HTML 1Page - Clare, Inc. CPC1943G Datasheet HTML 2Page - Clare, Inc. CPC1943G Datasheet HTML 3Page - Clare, Inc. CPC1943G Datasheet HTML 4Page - Clare, Inc. CPC1943G Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.clare.com
4
CPC1943G
R1
Dimensions
mm
(inches)
Mechanical Dimensions
PC Board Pattern
(Top View)
6.350
± .127
(.250
± .005)
2.540
± .127
(.100
± .005)
7.620
± .127
(.300
± .005)
5.080
± .127
(.200
± .005)
6-.800 DIA.
(6-.031 DIA.)
PC Board Pattern
(Top View)
2.540
± .127
(.100
± .005)
8.305
± .127
(.327
± .005)
1.905
± .127
(.075
± .005)
1.499
± .127
(.059
± .005)
Tape and Reel Packaging for 6 Pin Power DIP Surface Mount Package
7.493 – .102
(.295 – .004)
12.090
(.476)
1.753 – .102
(.069 – .004)
3.987 – .102
(.157 – .004)
1.498 – .102
(.059 – .004)
6.731 MAX.
(.265)
.406 MAX.
(.016)
4.877
(.192)
Top Cover
Tape
2.007 – .102
(.079 – .004)
11.989 – .102
(.472 – .004)
User Direction of Feed
.050R TYP.
16.002 – .305
(.630 – .012)
10.300
(.405)
Embossment
Embossed Carrier
Top Cover
Tape Thickness
.102 MAX.
(.004)
10.300 – .102
(.405 – .004)
1.549 – .102
(.061 – .004)
330.2 DIA.
(13.00)
1
6
6 Pin Power DIP Through Hole (Standard)
6 Pin Power DIP Surface Mount (“S” Suffix)


Similar Part No. - CPC1943G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1943G CLARE-CPC1943G Datasheet
111Kb / 5P
   AC Power Switch
CPC1943G CLARE-CPC1943G Datasheet
125Kb / 6P
   AC Power Switch
logo
IXYS Corporation
CPC1943G IXYS-CPC1943G Datasheet
115Kb / 6P
   Machine Insertable, Wave Solderable
logo
Clare, Inc.
CPC1943GS CLARE-CPC1943GS Datasheet
111Kb / 5P
   AC Power Switch
CPC1943GS CLARE-CPC1943GS Datasheet
125Kb / 6P
   AC Power Switch
More results

Similar Description - CPC1943G

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PM1206 CLARE-PM1206_10 Datasheet
120Kb / 6P
   AC Power Switch
logo
STMicroelectronics
ACST4 STMICROELECTRONICS-ACST4_07 Datasheet
150Kb / 13P
   AC power switch
logo
Clare, Inc.
CPC1963 CLARE-CPC1963 Datasheet
110Kb / 5P
   AC Power Switch
PM1204 CLARE-PM1204_10 Datasheet
120Kb / 6P
   AC Power Switch
PS1201 CLARE-PS1201_10 Datasheet
103Kb / 5P
   AC Power Switch
PS2601 CLARE-PS2601 Datasheet
85Kb / 5P
   AC Power Switch
CPC1972 CLARE-CPC1972_11 Datasheet
127Kb / 7P
   AC Power Switch
CPC1966 CLARE-CPC1966 Datasheet
116Kb / 6P
   AC Power Switch
CPC1943 CLARE-CPC1943_10 Datasheet
125Kb / 6P
   AC Power Switch
PM1204 CLARE-PM1204 Datasheet
128Kb / 5P
   AC Power Switch
PS1201 CLARE-PS1201 Datasheet
85Kb / 5P
   AC Power Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com