Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5232-3.3YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5232-3.3YML
Description  10mA Ultra-Low Quiescent Current
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5232-3.3YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5232-3.3YML Datasheet HTML 1Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 2Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 3Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 4Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 5Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 6Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 7Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 8Page - Micrel Semiconductor MIC5232-3.3YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Micrel, Inc.
MIC5232
June 2012
4
M9999-061812-C
Absolute Maximum Ratings
(1)
Supply Input Voltage (VIN)................................0V to 8V
Enable Input Voltage (VEN)...............................0V to 8V
Power Dissipation (PD) .................... Internally Limited
(3)
Junction Temperature (TJ).................. –40°C to +125°C
Storage Temperature (TS).................. –65°C to +150°C
Lead Temperature (soldering, 5 sec.) ................. 260°C
ESD Rating
(4)......................................................... ±2kV
Operating Ratings
(2)
Supply voltage (VIN) ...................................... 2.7V to 7V
Enable Input voltage (VEN)...............................0V to VIN
Thermal Resistance
TSOT-23-5 (θJA)......................................... 235°C/W
MLF-6 (θJA) .................................................. 90°C/W
Electrical Characteristics
(5)
VIN = VOUT + 1.0V, COUT = 0.47µF, IOUT = 100µA, TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Conditions
Min
Typ
Max
Units
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; -40C to +125C
-3.0
+3.0
%
Output Voltage Temp. Coefficient
40
ppm/C
Line Regulation
VIN = VOUT +1V to7V;
0.02
0.25
%/V
Load Regulation
IOUT = 10µA to 10mA
0.2
1.0
1.5
%
%
Dropout Voltage
(6)
IOUT = 100µA
IOUT = 10mA
60
100
300
mV
mV
Ground Pin Current
IOUT = 10µA
1.8
3
µA
Ground Pin Current in Shutdown
VEN < 0.18V
0.1
1.5
µA
Current Limit
VOUT = 0V
70
120
mA
Reverse Current (VOUT > VIN)
VOUT = VIN + 1V
0.02
1
µA
Ripple Rejection
f = 10Hz
f = 1kHz
55
35
dB
dB
Output Voltage Noise
COUT =0.47µF; 10Hz to 100kHz
400
µVrms
Enable Input
Logic Low (Regulator Shutdown)
0.18
V
Enable Input Voltage
Logic High (Regulator Enabled)
1.4
V
VIL < 0.18V (Regulator Shutdown)
1
nA
Enable Input Current
VIH > 1.4V (Regulator Enabled)
1
nA
Turn-on Time
(7)
COUT = 0.47µF
0.75
1.5
ms
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature.
4. Devices are ESD sensitive. Handling precautions recommended.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.7V, dropout voltage is the input-to-output differential with the minimum input voltage 2.7V.
7. Turn-on time is measured from 10% of the positive edge of the enable signal to 90% of the rising edge of the output voltage of the regulator.


Similar Part No. - MIC5232-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232-3.3YML MICREL-MIC5232-3.3YML Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5232-3.3YML MICREL-MIC5232-3.3YML Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
More results

Similar Description - MIC5232-3.3YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5232 MICREL-MIC5232 Datasheet
310Kb / 10P
   10mA Ultra-Low Quiescent Current uCap LDO
MIC5232 MICREL-MIC5232_08 Datasheet
365Kb / 10P
   10mA Ultra-Low Quiescent Current 關Cap LDO
logo
Exar Corporation
SP6648 EXAR-SP6648 Datasheet
261Kb / 16P
   Ultra-low Quiescent Current
logo
Dialog Semiconductor
DA9073 DIALOG-DA9073 Datasheet
3Mb / 130P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9070 RENESAS-DA9070 Datasheet
3Mb / 133P
   Ultra-Low Quiescent Current PMIC
21-Feb-2022
logo
Dialog Semiconductor
DA9230 DIALOG-DA9230 Datasheet
1Mb / 47P
   Ultra-Low Quiescent Current Buck
logo
Renesas Technology Corp
DA9230 RENESAS-DA9230 Datasheet
1Mb / 48P
   Ultra-Low Quiescent Current Buck
25-Feb-2022
logo
Dialog Semiconductor
DA9070 DIALOG-DA9070 Datasheet
2Mb / 130P
   Ultra-Low Quiescent Current PMIC
DA9072 DIALOG-DA9072 Datasheet
2Mb / 113P
   Ultra-Low Quiescent Current PMIC
logo
Renesas Technology Corp
DA9073 RENESAS-DA9073 Datasheet
3Mb / 131P
   Ultra-Low Quiescent Current PMIC
13-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com