Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPC1008NTR Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC1008NTR
Description  4 Pin SOP OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1008NTR Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1008NTR Datasheet HTML 1Page - Clare, Inc. CPC1008NTR Datasheet HTML 2Page - Clare, Inc. CPC1008NTR Datasheet HTML 3Page - Clare, Inc. CPC1008NTR Datasheet HTML 4Page - Clare, Inc. CPC1008NTR Datasheet HTML 5Page - Clare, Inc. CPC1008NTR Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CPC1008N
DS-CPC1008N-R1
CPC1008N is a miniature low voltage, low on resistance
1-Form-A solid state relay in a 4 pin SOP package. The
relay uses optically coupled MOSFET technology to pro-
vide 1500V of input to output isolation. The efficient MOS-
FET switches and photovoltaic die use Clare’s patented
OptoMOS® architecture. The optically-coupled input is
controlled by a highly efficient GaAIAs infrared LED. The
CPC1008N uses Clare’s state of the art double molded
vertical construction packaging to produce the world’s
smallest relay. The CPC1008N is ideal for replacing larg-
er less reliable reed and electromechanical relays.
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment
Isolation
Security Systems
Aerospace
Industrial Controls
Reed Relay Replacement
UL/C-UL Recognized Component
File #: E76270
BSI Certified - Certificate #: 8416
Small 4 Pin SOP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
1500V
RMS Input/Output Isolation
FCC Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Tape & Reel Version Available
Applications
Features
Description
Approvals
4 Pin SOP OptoMOS® Relay
Ordering Information
Part #
Description
CPC1008N
4 Pin SOP (100/Tube)
CPC1008NTR
4 Pin SOP (2,000/Reel)
CPC1008N
Units
Load Voltage
100
V
Load Current
150
mA
Max R
ON
8
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
+ Control
Ð Control
Load
Load
CPC1008N Pinout


Similar Part No. - CPC1008NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1008NTR CLARE-CPC1008NTR Datasheet
127Kb / 5P
   4-Pin SOP OptoMOS짰 Relay
logo
IXYS Corporation
CPC1008NTR IXYS-CPC1008NTR Datasheet
134Kb / 6P
   Single-Pole, Normally Open 4-Pin SOP OptoMOS Relay
More results

Similar Description - CPC1008NTR

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1035N CLARE-CPC1035N Datasheet
93Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1130N CLARE-CPC1130N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1117N CLARE-CPC1117N Datasheet
124Kb / 3P
   4-Pin SOP OptoMOS Relay
CPC1018N CLARE-CPC1018N Datasheet
197Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1230N CLARE-CPC1230N Datasheet
180Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1004N CLARE-CPC1004N Datasheet
509Kb / 5P
   4 Pin SOP OptoMOS Relay
CPC1231N CLARE-CPC1231N Datasheet
491Kb / 5P
   4-Pin SOP OptoMOS Relay
CPC1016N CLARE-CPC1016N Datasheet
195Kb / 6P
   4 Pin SOP OptoMOS Relay
CPC1002N CLARE-CPC1002N Datasheet
230Kb / 3P
   4-Pin SOP OptoMOS Relay
CM5 CLARE-CM5 Datasheet
195Kb / 4P
   4 Pin SOP OptoMOS Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com