Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR745 Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # MBR745
Description  Schottky Rectifier, 7.5 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

MBR745 Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  MBR745 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd MBR745 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.nellsemi.com
Page 4 of 5
Fig.5 Maximum thermal impedance
characteristics
Rth(j-c)
SEMICONDUCTOR
MBR745 Series RoHS
RoHS
Nell Semiconductors
Rectangular pulse duration, t (s)
1
.
1. Duty Factor D =t /t
1
2
2.Peak T = P
x
+T
J
DM
C
Rth(j-c)
Notes:
t1
t2
PDM
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(thermal resistance)
10
1
0.1
0.01
0.001
0.00001
0.0001
0.001
0.01
0.1
1
10
Fig.6 Forward power loss characteristics
Average forward current, l
(A)
F(AV)
Fig.7 Maximum non-repetitive surge current
Square wave pulse duration, t
(µs)
p
At any rated load condition
and with rated V
applied
RRM
following surge
1000
100
10
100
1000
10000
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
RMS limit
DC
0
1
2
3
4
5
6
7
0
2
4
6
8
10
12
Note
(1) Formula used:T = T - (Pd+Pd
) x R
;
C
J
REV
thJC
Pd
= lnverse power loss = V
x l (1-D); l at V
= Rated V
REV
R1
R
R
R1
R
Pd = Forward power loss = l
x V
at (l
/D)(see fig.6);
F(AV)
FM
F(AV)


Similar Part No. - MBR745

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR745 FAIRCHILD-MBR745 Datasheet
35Kb / 3P
   7.5 Ampere Schottky Barrier Rectifiers
logo
Zibo Seno Electronic En...
MBR745 ZSELEC-MBR745 Datasheet
186Kb / 2P
   7 .0 A SCHOTTKY BARRIER DIODE
logo
Shanghai Lunsure Electr...
MBR745 CHENYI-MBR745 Datasheet
72Kb / 2P
   7.5Amp schottky barrier rectifier 20to60volts
logo
Digitron Semiconductors
MBR745 DIGITRON-MBR745 Datasheet
400Kb / 2P
   7.5A SCHOTTKY RECTIFIERS
logo
Diodes Incorporated
MBR745 DIODES-MBR745 Datasheet
65Kb / 2P
   7.5A SCHOTTKY BARRIER RECTIFIER
DS23007 Rev. 7 - 2
More results

Similar Description - MBR745

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBRB735 VISHAY-MBRB735 Datasheet
104Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
VS-MBRB745PBF VISHAY-VS-MBRB745PBF Datasheet
146Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
MBRB735PBF VISHAY-MBRB735PBF_10 Datasheet
102Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 16-Mar-10
VS-MBR7PBF VISHAY-VS-MBR7PBF_V01 Datasheet
127Kb / 7P
   Schottky Rectifier, 7.5 A
08-Feb-17
VS-MBR7PBF VISHAY-VS-MBR7PBF Datasheet
154Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
MBR735PBF VISHAY-MBR735PBF_12 Datasheet
153Kb / 7P
   Schottky Rectifier, 7.5 A
Revision: 30-Aug-11
MBR745 VISHAY-MBR745 Datasheet
103Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 22-Aug-08
MBRB735PBF VISHAY-MBRB735PBF Datasheet
101Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
MBR745PBF VISHAY-MBR745PBF Datasheet
445Kb / 6P
   Schottky Rectifier, 7.5 A
Revision: 20-Aug-08
15CTQS VISHAY-15CTQS Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 7.5 A
Revision: 22-Aug-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com