Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CPC1008N Datasheet(PDF) 1 Page - Clare, Inc.

Part No. CPC1008N
Description  4 Pin SOP OptoMOS Relay
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC1008N Datasheet(HTML) 1 Page - Clare, Inc.

  CPC1008N Datasheet HTML 1Page - Clare, Inc. CPC1008N Datasheet HTML 2Page - Clare, Inc. CPC1008N Datasheet HTML 3Page - Clare, Inc. CPC1008N Datasheet HTML 4Page - Clare, Inc. CPC1008N Datasheet HTML 5Page - Clare, Inc. CPC1008N Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
www.clare.com
CPC1008N
DS-CPC1008N-R1
CPC1008N is a miniature low voltage, low on resistance
1-Form-A solid state relay in a 4 pin SOP package. The
relay uses optically coupled MOSFET technology to pro-
vide 1500V of input to output isolation. The efficient MOS-
FET switches and photovoltaic die use Clare’s patented
OptoMOS® architecture. The optically-coupled input is
controlled by a highly efficient GaAIAs infrared LED. The
CPC1008N uses Clare’s state of the art double molded
vertical construction packaging to produce the world’s
smallest relay. The CPC1008N is ideal for replacing larg-
er less reliable reed and electromechanical relays.
Instrumentation
Multiplexers
Data Acquisition
Electronic Switching
I/O Subsystems
Meters (Watt-Hour, Water, Gas)
Medical Equipment—Patient/Equipment
Isolation
Security Systems
Aerospace
Industrial Controls
Reed Relay Replacement
UL/C-UL Recognized Component
File #: E76270
BSI Certified - Certificate #: 8416
Small 4 Pin SOP Package
Low Drive Power Requirements (TTL/CMOS
Compatible)
No Moving Parts
High Reliability
Arc-Free With No Snubbing Circuits
1500V
RMS Input/Output Isolation
FCC Compatible
No EMI/RFI Generation
Machine Insertable, Wave Solderable
Tape & Reel Version Available
Applications
Features
Description
Approvals
4 Pin SOP OptoMOS® Relay
Ordering Information
Part #
Description
CPC1008N
4 Pin SOP (100/Tube)
CPC1008NTR
4 Pin SOP (2,000/Reel)
CPC1008N
Units
Load Voltage
100
V
Load Current
150
mA
Max R
ON
8
Pin Configuration
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
1
2
3
4
+ Control
Ð Control
Load
Load
CPC1008N Pinout


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CM5 4 Pin SOP OptoMOS Relay 1  2  3  4  Clare, Inc.
CPC1030N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1035N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1230N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1017N 4 Pin SOP OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn