Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CM5 Datasheet(PDF) 3 Page - Clare, Inc.

Part No. CM5
Description  4 Pin SOP OptoMOS Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CM5 Datasheet(HTML) 3 Page - Clare, Inc.

  CM5 Datasheet HTML 1Page - Clare, Inc. CM5 Datasheet HTML 2Page - Clare, Inc. CM5 Datasheet HTML 3Page - Clare, Inc. CM5 Datasheet HTML 4Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CM5
www.clare.com
Rev. 1
Mechanical Dimensions
Dimensions
mm
inches
Molded Ultra-Mini DYAD
3


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CPC1008N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1030N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1035N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1230N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1016N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  More Clare, Inc.
CPC1004N 4 Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1117N 4-Pin SOP OptoMOS Relay 1  2  3  Clare, Inc.
CPC1130N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.
CPC1017N 4 Pin SOP OptoMOS Relays 1  2  3  4  5  More Clare, Inc.
CPC1231N 4-Pin SOP OptoMOS Relay 1  2  3  4  5  Clare, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn