Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF021-SSHF-T Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AT25DF021-SSHF-T
Description  2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF021-SSHF-T Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AT25DF021-SSHF-T Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF021-SSHF-T Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
2
3677F–DFLASH–5/2013
AT25DF021
The physical sectoring and the erase block sizes of the AT25DF021 have been optimized to
meet the needs of today's code and data storage applications. By optimizing the size of the
physical sectors and erase blocks, the memory space can be used much more efficiently.
Because certain code modules and data storage segments must reside by themselves in their
own protected sectors, the wasted and unused memory space that occurs with large sectored
and large block erase Flash memory devices can be greatly reduced. This increased memory
space efficiency allows additional code routines and data storage segments to be added while
still maintaining the same overall device density.
The AT25DF021 also offers a sophisticated method for protecting individual sectors against
erroneous or malicious program and erase operations. By providing the ability to individually pro-
tect and unprotect sectors, a system can unprotect a specific sector to modify its contents while
keeping the remaining sectors of the memory array securely protected. This is useful in applica-
tions where program code is patched or updated on a subroutine or module basis, or in
applications where data storage segments need to be modified without running the risk of errant
modifications to the program code segments. In addition to individual sector protection capabili-
ties, the AT25DF021 incorporates Global Protect and Global Unprotect features that allow the
entire memory array to be either protected or unprotected all at once. This reduces overhead
during the manufacturing process since sectors do not have to be unprotected one-by-one prior
to initial programming.
The device also contains a specialized OTP (One-Time Programmable) Security Register that
can be used for purposes such as unique device serialization, system-level Electronic Serial
Number (ESN) storage, locked key storage, etc.
Specifically designed for use in 2.5-volt or 3-volt systems, the AT25DF021 supports read, pro-
gram, and erase operations with a supply voltage range of 2.3V to 3.6V or 2.7V to 3.6V. No
separate voltage is required for programming and erasing.


Similar Part No. - AT25DF021-SSHF-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSHF-T ATMEL-AT25DF021-SSHF-T Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSHF-T ATMEL-AT25DF021-SSHF-T Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF021-SSHF-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com