Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF021-SSHF-B Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AT25DF021-SSHF-B
Description  2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF021-SSHF-B Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AT25DF021-SSHF-B Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 9Page - List of Unclassifed Manufacturers AT25DF021-SSHF-B Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
6
3677F–DFLASH–5/2013
AT25DF021
5. Device Operation
The AT25DF021 is controlled by a set of instructions that are sent from a host controller, com-
monly referred to as the SPI Master. The SPI Master communicates with the AT25DF021 via the
SPI bus which is comprised of four signal lines: Chip Select (CS), Serial Clock (SCK), Serial
Input (SI), and Serial Output (SO).
The SPI protocol defines a total of four modes of operation (mode 0, 1, 2, or 3) with each mode
differing in respect to the SCK polarity and phase and how the polarity and phase control the
flow of data on the SPI bus. The AT25DF021 supports the two most common modes, SPI
Modes 0 and 3. The only difference between SPI Modes 0 and 3 is the polarity of the SCK signal
when in the inactive state (when the SPI Master is in standby mode and not transferring any
data). With SPI Modes 0 and 3, data is always latched in on the rising edge of SCK and always
output on the falling edge of SCK.
Figure 5-1.
SPI Mode 0 and 3
6. Commands and Addressing
A valid instruction or operation must always be started by first asserting the CS pin. After the CS
pin has been asserted, the host controller must then clock out a valid 8-bit opcode on the SPI
bus. Following the opcode, instruction dependent information such as address and data bytes
would then be clocked out by the host controller. All opcode, address, and data bytes are trans-
ferred with the most-significant bit (MSB) first. An operation is ended by deasserting the CS pin.
Opcodes not supported by the AT25DF021 will be ignored by the device and no operation will be
started. The device will continue to ignore any data presented on the SI pin until the start of the
next operation (CS pin being deasserted and then reasserted). In addition, if the CS pin is deas-
serted before complete opcode and address information is sent to the device, then no operation
will be performed and the device will simply return to the idle state and wait for the next
operation.
Addressing of the device requires a total of three bytes of information to be sent, representing
address bits A23-A0. Since the upper address limit of the AT25DF021 memory array is
03FFFFh, address bits A23-A18 are always ignored by the device.
SCK
CS
SI
SO
MSB
LSB
MSB
LSB


Similar Part No. - AT25DF021-SSHF-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021-SSHF-B ATMEL-AT25DF021-SSHF-B Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-SSHF-B ATMEL-AT25DF021-SSHF-B Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF021-SSHF-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021 Datasheet
347Kb / 16P
   2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
   8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
   32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
   32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
   16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com