Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5331A-BS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS5331A-BS
Description  8-Pin, Stereo A/D Converter for Digital Audio
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS5331A-BS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS5331A-BS Datasheet HTML 7Page - Cirrus Logic CS5331A-BS Datasheet HTML 8Page - Cirrus Logic CS5331A-BS Datasheet HTML 9Page - Cirrus Logic CS5331A-BS Datasheet HTML 10Page - Cirrus Logic CS5331A-BS Datasheet HTML 11Page - Cirrus Logic CS5331A-BS Datasheet HTML 12Page - Cirrus Logic CS5331A-BS Datasheet HTML 13Page - Cirrus Logic CS5331A-BS Datasheet HTML 14Page - Cirrus Logic CS5331A-BS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
The CS5330A and CS5331A have a Power-
Down mode wherein typical consumption drops
to 0.5 mW. This is initiated when a loss of clock
is detected on either the LRCK or MCLK pins in
Slave Mode, or the MCLK pin in Master Mode.
The initialization sequence will begin when
MCLK, and LRCK for slave mode, are restored.
In slave mode power-down, the CS5330A and
CS5331A
will
adapt
to
changes
in
MCLK/LRCK frequency ratio during the initia-
tilization sequence. It is recommended that
clocks not be applied to the device prior to
power supply settling. A reset circuit may be im-
plemented by gating the MCLK signal.
Grounding and Power Supply Decoupling
As with any high resolution converter, the ADC
requires careful attention to power supply and
grounding arrangements if its potential perform-
ance is to be realized. Figure 1 shows the
recommended power arrangements with VA+
connected to a clean +5V supply.
Decoupling
capacitors should be as near to the ADC as pos-
sible, with the low value ceramic capacitor being
the nearest. To minimize digital noise, connect
the ADC digital outputs only to CMOS inputs.
The printed circuit board layout should have
separate analog and digital regions and ground
planes. An evaluation board, CDB5330A or
CDB5331A, is available which demonstrates the
optimum layout and power supply arrangements,
as well as allowing fast evaluation of the
CS5330A and CS5331A.
Figure 4. CS5330A/31A Initialization and Power-Down Sequence
CS5330A/CS5331A
DS138F2
11


Similar Part No. - CS5331A-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5331A-DSZ CIRRUS-CS5331A-DSZ Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-DSZR CIRRUS-CS5331A-DSZR Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-KS CIRRUS-CS5331A-KS Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-KSR CIRRUS-CS5331A-KSR Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5331A-KSZ CIRRUS-CS5331A-KSZ Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
More results

Similar Description - CS5331A-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A_06 Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7134S EVEREST-ES7134S Datasheet
360Kb / 8P
   8-pin, 24-Bit Stereo D/A Converter for PCM Audio
logo
Cirrus Logic
CS4328 CIRRUS-CS4328 Datasheet
831Kb / 31P
   18-Bit, Stereo D/A Converter for Digital Audio
OCT 1993
CS5334 CIRRUS-CS5334 Datasheet
437Kb / 20P
   20-Bit, Stereo A/D Converter for Digital Audio
CS4329 CIRRUS-CS4329 Datasheet
1Mb / 36P
   20-Bit, Stereo D/A Converter for Digital Audio
CS4390 CIRRUS-CS4390 Datasheet
629Kb / 22P
   24-Bit, Stereo D/A Converter for Digital Audio
CS5126 CIRRUS-CS5126 Datasheet
394Kb / 32P
   16-Bit Stereo A/D Converter for Digital Audio
CS5360 CIRRUS-CS5360 Datasheet
546Kb / 22P
   24-Bit Stereo A/D Converter for Digital Audio
logo
Suzhou Everest Semicond...
ES7149 EVEREST-ES7149 Datasheet
364Kb / 9P
   12-pin, 24-Bit Stereo D/A Converter for PCM Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com