Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5120534-2 Datasheet(PDF) 5 Page - Tyco Electronics

Part # 5120534-2
Description  Stacking Height Guide for Parallel Board-to-Board Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

5120534-2 Datasheet(HTML) 5 Page - Tyco Electronics

  5120534-2 Datasheet HTML 1Page - Tyco Electronics 5120534-2 Datasheet HTML 2Page - Tyco Electronics 5120534-2 Datasheet HTML 3Page - Tyco Electronics 5120534-2 Datasheet HTML 4Page - Tyco Electronics 5120534-2 Datasheet HTML 5Page - Tyco Electronics 5120534-2 Datasheet HTML 6Page - Tyco Electronics 5120534-2 Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
86
Catalog 889092
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 9-06
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in brackets
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
are standard equivalents.
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
1.0mm FH (IEEE 1386) Receptacles without Locating Posts, 1.0 [.039] Pitch
Fine Pitch SMT Stacking Connectors
(Parallel Board-to-Board)
8 [.315] thru 15 [.591]
Stacking Heights
Material and Finish
Housing — Liquid crystal polymer,
black
Contacts — Phosphor bronze; duplex
plated 0.00076 [.000030] or .00127
[.00050] min. gold on contact area,
0.00381 [.000150] min. tin on solder
area, with entire contact underplated
0.00127 [.000050] min. nickel
Vacuum Cover — Aluminum Alloy
Related Product Data
Performance Characteristics —
page 83
Stacking Height Combinations —
page 84
Mating Plugs — pages 87 & 88
Technical Documents
EIA-700 AAAB Specification
Application Specification
114-25045
Recommended PC Board Layout
Dimensions
Receptacle Part Number
No. of
AB
C
H
30µ" Au Plating
50µ" Au Plating
Positions
w/ pickup cap
w/ pickup cap
5.37
.211
5120528-1
1-5120528-1
7.37
64
31.0
34.22
35.9
.290
5120529-1
1-5120529-1
1.220
1.347
1.413
8.37
.330
5120530-1
1-5120530-1
10.37
.408
5120531-1
1-5120531-1
5.37
.211
5120528-2
1-5120528-2
7.37
84
41.0
44.22
45.9
.290
5120529-2
1-5120529-2
1.614
1.741
1.807
8.37
.330
5120530-2
1-5120530-2
10.37
.408
5120531-2
1-5120531-2
Notes: 1. Shorter solder lands may be used per EIA-700 AAAB. However, the 2.4 [.094] length assures optimum
solder fillet regardless of connector manufacturer.
2. Vacuum cover omitted from illustrations above for dimensional clarity.
3. Part Numbers are RoHS compliant.
3.6
[.142]
6.05
[.238]
6.0
[.236]
2.92
[.115]
0.6
[.024]
2 Plc.
0.30
[.012]
Typ.
1.0
[.039]
Pitch
1.0
[.039]
Typ.
B
C
A
H
C
L
C
L
C
L
0.6
[.024]
Typ.
2.4
[.094]
See Note 1
A
Typ.


Similar Part No. - 5120534-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5120530-1 MACOM-5120530-1 Datasheet
156Kb / 1P
   RCPT ASSY, W/COVER, 1.0mmFH(IEEEI386) CONNECTOR
More results

Similar Description - 5120534-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
5177984-6 MACOM-5177984-6 Datasheet
769Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
1-5316135-1 MACOM-1-5316135-1 Datasheet
471Kb / 15P
   Stacking Height Guide for Parallel Board-to-Board Applications
421686 MACOM-421686 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
5179030-5 MACOM-5179030-5 Datasheet
418Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
5-5179010-2 MACOM-5-5179010-2 Datasheet
400Kb / 13P
   Stacking Height Guide for Parallel Board-to-Board Applications
logo
Japan Aviation Electron...
WP10 JAE-WP10 Datasheet
898Kb / 7P
   Stacking Type Board-to-Board (FPC) Connector
WP6C JAE-WP6C Datasheet
406Kb / 5P
   0.4mm Pitch, Stacking Type Board-to-board Connector
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
WP6 JAE-WP6 Datasheet
883Kb / 8P
   0.4mm Pitch, Stacking Type Board-to-Board Connector
AA07 JAE-AA07 Datasheet
449Kb / 7P
   0.4mm Pitch, Stacking Type Board-to-Board(FPC) Connector
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com