Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5N70K Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. 5N70K
Description  5A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

5N70K Datasheet(HTML) 1 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
5N70K
Preliminary
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-887.a
5A, 700V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 5N70K is a high voltage power MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications at power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) = 2.4Ω @VGS = 10 V
* Ultra Low Gate Charge ( Typical 15 nC )
* Low Reverse Transfer Capacitance ( CRSS = Typical 6.5 pF )
* Fast Switching Capability
* Improved dv/dt Capability, High Ruggedness
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
5N70KL-TF3-T
5N70KG-TF3-T
TO-220F
G
D
S
Tube
Note: Pin Assignment: G: Gate D: Drain S: Source


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn