Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

5N70K Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. 5N70K
Description  5A, 700V N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

5N70K Datasheet(HTML) 2 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5N70K
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-887.a
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
700
V
Gate-Source Voltage
VGSS
±30
V
Avalanche Current (Note 2)
IAR
5
A
Continuous Drain Current
ID
5
A
Pulsed Drain Current (Note 2)
IDM
20
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
100
mJ
Repetitive (Note 2)
EAR
10
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation
PD
36
W
Junction Temperature
TJ
+150
°C
Operation Temperature
TOPR
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: 1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
L = 8mH, IAS = 5A, VDD = 50V, RG = 25 Ω, Starting TJ = 25°C
ISD ≤ 5A, di/dt ≤ 200A/μs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
θJC
3.47
°C/W


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn