Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4110B Datasheet(PDF) 1 Page - Nell Semiconductor Co., Ltd

Part # 2SC4110B
Description  Silicon NPN triple diffusion planar transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC4110B Datasheet(HTML) 1 Page - Nell Semiconductor Co., Ltd

  2SC4110B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
APPLICATIONS
SEMICONDUCTOR
RoHS
RoHS
Silicon NPN triple diffusion planar transistor
Nell High Power Products
2SC4110B Series
25A/400V Switching Regulator Applications
ABSOLUTE MAXIMUM RATINGS (T = 25°C)
a
UNIT
V
PC
ICP
Tstg
PARAMETER
Collector to emitter voltage (I =0)
B
ºC
7
2.5
40
25
Peak collector current
(PW ≤ 300µs, duty cycle ≤ 10%)
Collector current
Base current
Collector power dissipation
Junction temperature
500
400
160
8
VALUE
VCBO
Tj
-55 to 150
150
A
Collector to base voltage (I =0)
E
Emitter to base voltage
SYMBOL
VCEO
VEBO
IC
IB
T = 25°C
C
T = 25°C
A
Storage temperature
W
15.6±0.4
9.6
2
3
1.05
+0.2
-0.1
5.45±0.1
5.45±0.1
Φ3.2 0,1
±
4.8±0.2
2.0±0.1
0.65
+0.2
-0.1
1.4
B
C
E
1
2
3
Page 1 of 4
www.nellsemi.com
All dimensions in millimeters
NPN
C
B
E
TO-3P(B)
High-speed switching
High breakdown voltage and high reliability
Wide SOA (Safe Operation Area)
TO-3P package which can be installed to the
heat sink with one screw
Switching regulator
THERMAL CHARACTERISTICS (T = 25°C)
C
UNIT
V
PARAMETER
0.70
Max.
Rth(j-c)
Thermal resistance, junction to case
SYMBOL
Typ.
Min.
High frequency inverters
Ultrasonic generators
General purpose power amplifiers


Similar Part No. - 2SC4110B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4110 SANYO-2SC4110 Datasheet
104Kb / 4P
   Switching Regulator Applications
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
144Kb / 3P
   Silicon NPN Power Transistors
2SC4110 SAVANTIC-2SC4110 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4110 ISC-2SC4110 Datasheet
255Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4110B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
   Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3679B NELLSEMI-2SC3679B Datasheet
238Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3320B NELLSEMI-2SC3320B Datasheet
250Kb / 3P
   Silicon NPN triple diffusion planar transistor
FJA13009 NELLSEMI-FJA13009 Datasheet
278Kb / 4P
   Silicon NPN triple diffusion planar transistor
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Hi-Sincerity Mocroelect...
HBF4522D HSMC-HBF4522D Datasheet
32Kb / 3P
   NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
logo
Panasonic Semiconductor
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com