Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4110B Datasheet(PDF) 4 Page - Nell Semiconductor Co., Ltd

Part # 2SC4110B
Description  Silicon NPN triple diffusion planar transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NELLSEMI [Nell Semiconductor Co., Ltd]
Direct Link  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

2SC4110B Datasheet(HTML) 4 Page - Nell Semiconductor Co., Ltd

  2SC4110B Datasheet HTML 1Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 2Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 3Page - Nell Semiconductor Co., Ltd 2SC4110B Datasheet HTML 4Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4 of 4
www.nellsemi.com
SEMICONDUCTOR
RoHS
RoHS
Nell High Power Products
Fig.6 Switching time - l characteristics
C
Fig.7 Forward bias SOA
Fig.8 Reverse bias SOA
Fig.9 P -T derating
c
a
Fig.10 P -T derating
c
c
Fig.11 Thermal resistance
Time, t(ms)
Case temperature, T (
°C)
c
Ambient temperature, Ta (
°C)
Collector-to-emitter voltage, V
(V)
CE
Collector-to-emitter voltage, V
(V)
CE
Collectorc current, l (A)
C
10
7
5
3
2
1.0
7
5
3
2
5 7
0.1
2 3
5 7
1.0
2 3
5 7
10
2 3
5
0.1
7
5
V
= 200V
CC
l = 5l
= -2.5l
C
B1
B2
tstg
ton
tf
100
5
3
2
10
5
3
2
1.0
5
3
2
0.1
5
5
7
10
2
3
5
7
100
2
3
5
7
1000
I
=40A
CP
≤50µs
10
s
10
m
s
I =25A
C
DC
ope
rat
ion
S/B
Lim
ite
d
T =25°C
C
Single pulse
100
7
5
3
2
1.0
7
5
3
2
0.1
5
7
100
2
3
5
7
1000
10
7
5
3
2
lCP
I
=-4A const.
B2
L=100µH
T =25°C
C
3.0
2.5
2.0
1.5
1.0
0.5
0
0
20
40
60
80
100 120 140 160
N
o
he
at
sin
k
180
160
140
120
100
80
60
40
20
0
0
20
40
60
80
100 120 140 160
1.0
7
5
3
2
0.1
7
5
3
2
0.1
2 3 5 7
1.0
2 3 5 7
10
2 3 5
100
7
2 3 5
1000
7
T =25°C
C
2SC4110B Series
R load


Similar Part No. - 2SC4110B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4110 SANYO-2SC4110 Datasheet
104Kb / 4P
   Switching Regulator Applications
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
144Kb / 3P
   Silicon NPN Power Transistors
2SC4110 SAVANTIC-2SC4110 Datasheet
119Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4110 ISC-2SC4110 Datasheet
255Kb / 2P
   isc Silicon NPN Power Transistor
logo
Savantic, Inc.
2SC4110 SAVANTIC-2SC4110 Datasheet
120Kb / 3P
   Silicon NPN Power Transistors
More results

Similar Description - 2SC4110B

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
2SC5027 NELLSEMI-2SC5027 Datasheet
258Kb / 5P
   Silicon NPN triple diffusion planar transistor
2SC5198B NELLSEMI-2SC5198B Datasheet
227Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC2625B NELLSEMI-2SC2625B Datasheet
258Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3679B NELLSEMI-2SC3679B Datasheet
238Kb / 3P
   Silicon NPN triple diffusion planar transistor
2SC3320B NELLSEMI-2SC3320B Datasheet
250Kb / 3P
   Silicon NPN triple diffusion planar transistor
FJA13009 NELLSEMI-FJA13009 Datasheet
278Kb / 4P
   Silicon NPN triple diffusion planar transistor
logo
Panasonic Semiconductor
2SD2215 PANASONIC-2SD2215 Datasheet
49Kb / 2P
   Silicon NPN triple diffusion planar type(Silicon NPN triple diffusion planar type)
logo
Hi-Sincerity Mocroelect...
HBF4522D HSMC-HBF4522D Datasheet
32Kb / 3P
   NPN TRIPLE DIFFUSION PLANAR TRANSISTOR
logo
Panasonic Semiconductor
22SC5405 PANASONIC-22SC5405 Datasheet
37Kb / 2P
   Silicon NPN triple diffusion planar type
2SC3496 PANASONIC-2SC3496 Datasheet
98Kb / 4P
   Silicon NPN triple diffusion planar type
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com