Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5N25ZG-TN3-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 5N25ZG-TN3-T
Description  3.8A, 250V N-CHANNEL MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

5N25ZG-TN3-T Datasheet(HTML) 4 Page - Unisonic Technologies

  5N25ZG-TN3-T Datasheet HTML 1Page - Unisonic Technologies 5N25ZG-TN3-T Datasheet HTML 2Page - Unisonic Technologies 5N25ZG-TN3-T Datasheet HTML 3Page - Unisonic Technologies 5N25ZG-TN3-T Datasheet HTML 4Page - Unisonic Technologies 5N25ZG-TN3-T Datasheet HTML 5Page - Unisonic Technologies 5N25ZG-TN3-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5N25Z
Preliminary
Power MOSFE
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-853.b
TEST CIRCUITS AND WAVEFORMS
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
Gate Charge Test Circuit
Gate Charge Waveforms
VGS
VGS
200nF
Same Type
as DUT
3mA
10V
tP
RG
DUT
L
VDS
ID
VDD
Unclamped Inductive Switching Test Circuit
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Waveforms


Similar Part No. - 5N25ZG-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N25 UTC-5N25 Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25G-TN3-R UTC-5N25G-TN3-R Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25G-TN3-T UTC-5N25G-TN3-T Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25L-TN3-R UTC-5N25L-TN3-R Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
5N25L-TN3-T UTC-5N25L-TN3-T Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
More results

Similar Description - 5N25ZG-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N25 UTC-5N25 Datasheet
232Kb / 6P
   3.8A, 250V LOGIC N-CHANNEL MOSFET
logo
Fairchild Semiconductor
FDP4N60NZ FAIRCHILD-FDP4N60NZ Datasheet
383Kb / 10P
   N-Channel MOSFET 600V, 3.8A, 2.5廓
logo
International Rectifier
IRFR224 IRF-IRFR224 Datasheet
175Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=1.1ohm, Id=3.8A)
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
FQB9N25C FAIRCHILD-FQB9N25C Datasheet
869Kb / 9P
   250V N-Channel MOSFET
FQPF8N25 FAIRCHILD-FQPF8N25 Datasheet
623Kb / 8P
   250V N-Channel MOSFET
FQAF16N25 FAIRCHILD-FQAF16N25 Datasheet
715Kb / 8P
   250V N-Channel MOSFET
FQPF27N25 FAIRCHILD-FQPF27N25 Datasheet
765Kb / 8P
   250V N-Channel MOSFET
IRF654B FAIRCHILD-IRF654B Datasheet
867Kb / 10P
   250V N-Channel MOSFET
IRFP244B FAIRCHILD-IRFP244B Datasheet
688Kb / 8P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com