Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RLSD52A081C Datasheet(PDF) 4 Page - Ruilongyuan Electronics Co.,Ltd

Part # RLSD52A081C
Description  TVS/ESD Arrays
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

RLSD52A081C Datasheet(HTML) 4 Page - Ruilongyuan Electronics Co.,Ltd

  RLSD52A081C Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd RLSD52A081C Datasheet HTML 7Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TVS/ESD Arrays - RLSD52A Series
Circuit Protection
System
Page:3
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Typical Characteristics
Non-Repetitive Peak Pulse Power vs. Pulse Time
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
Forward Voltage vs. Forward Current
g
n
i
p
m
a
l
C
D
S
E
e
g
a
tl
o
V
e
s
r
e
v
e
R
.
s
v
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
(8kV Contact per IEC 61000-4-2)
0
5
10
15
20
25
012345
67
89
10
Peak Pulse Current - IPP (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0.01
0.1
1
10
0.11
10
100
1000
Pulse Duration - tp (us)
0
10
20
30
40
50
60
70
80
90
100
110
0255075100
125150
Ambient Temperature - TA (oC)
0
0.5
1
1.5
2
2.5
3
3.5
01
23456
78
Forward Current - IF (A)
Waveform
Parameters:
tr = 8µs
td = 20µs
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
012
34
5
Reverse Voltage - VR (V)
f = 1 MHz


Similar Part No. - RLSD52A081C

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLSD52A081C RUILON-RLSD52A081C Datasheet
719Kb / 7P
   TVS/ESD Arrays
More results

Similar Description - RLSD52A081C

ManufacturerPart #DatasheetDescription
logo
Ruilongyuan Electronics...
RLST23A032-362V RUILON-RLST23A032-362V Datasheet
668Kb / 9P
   TVS/ESD Arrays
RLSD32AXXXLC RUILON-RLSD32AXXXLC Datasheet
803Kb / 7P
   TVS/ESD Arrays
RLST23AXXXC RUILON-RLST23AXXXC Datasheet
1Mb / 8P
   TVS/ESD Arrays
RLSD32AXXXLV RUILON-RLSD32AXXXLV Datasheet
801Kb / 7P
   TVS/ESD Arrays
RLSD92QXXXV RUILON-RLSD92QXXXV Datasheet
791Kb / 8P
   TVS/ESD Arrays
RLSD12A RUILON-RLSD12A Datasheet
893Kb / 7P
   TVS/ESD Arrays
RLS08A2.84LV RUILON-RLS08A2.84LV Datasheet
890Kb / 8P
   TVS/ESD Arrays
RLST23A2.82LV RUILON-RLST23A2.82LV Datasheet
684Kb / 9P
   TVS/ESD Arrays
RLS08A284LV RUILON-RLS08A284LV Datasheet
793Kb / 7P
   TVS/ESD Arrays
RLSD92AXXXC RUILON-RLSD92AXXXC Datasheet
683Kb / 7P
   TVS/ESD Arrays
RLDSON10A054LV RUILON-RLDSON10A054LV Datasheet
826Kb / 7P
   TVS/ESD Arrays
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com