Electronic Components Datasheet Search |
|
6123001-1 Datasheet(PDF) 11 Page - Tyco Electronics |
|
6123001-1 Datasheet(HTML) 11 Page - Tyco Electronics |
11 / 13 page 80 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 0.8mm Free Height Vertical Plugs, 0.8 [.031] Pitch (Continued) Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) 13mm Receptacles for 13 [.512], 14 [.551], 15 [.591] and 16 [.630] Stacking Heights Material and Finish Housing — High temperature thermo- plastic, natural color, 94V-0 rated Contacts — Beryllium copper; duplex plated 0.00020 [.000008] min. gold on contact area, 0.00100 [.000039] min. tin on solder area, with entire contact underplated 0.00130 [.000051] min. nickel Related Product Data Performance Characteristics — page 71 Stacking Height Combinations — page 72 Mating Plugs — pages 74 thru 77, and 81 Technical Documents (page 113) Product Specification 108-5390 A A A B C C A Section A - A 0.8 Typ. [.031] 0.5 Typ. [.020] 0.8 Typ. [.031] 2.5 Typ. [.098] 2.4 [.094] 7.2 [.283] 2.4 [.094] 0.5 [.020] 11.75 [.463] 6.4 [.252] 3.8 [.150] 6.8 [.268] 5.2 [.205] 2.55 [.100] 0.3 [.012] Typ. Recommended PC Board Layout Position No. 1 Indicator 0.8±0.03 [.031±.001] Dia. 1.2±0.03 [.047±.001] Dia. Dimensions No. of Plating Part Numbers ABC Positions Type Tube Tube w/ Pickup Cap Tape and Reel 15.20 21.80 20.20 40 8µ" Au 5-5179010-1 5-5179233-1 5084616-1 .598 .858 .795 30µ" Au 5-6123212-1 — 5084618-1 23.20 29.80 28.20 60 8µ" Au 5-5179010-2 5-5179233-2 5084616-2 .913 1.173 1.110 30µ" Au 5-6123212-2 — 5084618-2 31.20 37.80 36.20 80 8µ" Au 5-5179010-3 5-5179233-3 5084616-3 1.228 1.488 1.425 30µ" Au 5-6123212-3 — 5084618-3 39.20 45.80 44.20 100 8µ" Au 5-5179010-4 5-5179233-4 5084616-4 1.543 1.803 1.740 30µ" Au 5-6123212-4 — 5084618-4 47.20 53.80 52.20 120 8µ" Au 5-5179010-5 5-5179233-5 5084616-5 1.858 2.118 2.055 30µ" Au 5-6123212-5 — 5084618-5 55.20 61.80 60.20 140 8µ" Au 5-5179010-6 5-5179233-6 5084616-6 2.173 2.433 2.370 30µ" Au 5-6123212-6 — 5084618-6 63.20 69.80 68.20 160 8µ" Au 5-5179010-8 5-5179233-8 5084616-8 2.488 2.748 2.685 30µ" Au 5-6123212-8 — 5084618-8 71.20 77.80 76.20 180 8µ" Au 5-5179010-9 5-5179233-9 5084616-9 2.803 3.063 3.000 30µ" Au 5-6123212-9 — 5084618-9 79.20 85.80 84.20 200 8µ" Au 6-5179010-0 6-5179233-0 — 3.118 3.378 3.315 30µ" Au 6-6123212-0 7-6123212-0 — Note: Part Numbers are RoHS compliant. |
Similar Part No. - 6123001-1 |
|
Similar Description - 6123001-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |