Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMD3216-090N Datasheet(PDF) 3 Page - Ruilongyuan Electronics Co.,Ltd

Part # SMD3216-090N
Description  Gas Discharge Tubes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUILON [Ruilongyuan Electronics Co.,Ltd]
Direct Link  http://www.rulion.com
Logo RUILON - Ruilongyuan Electronics Co.,Ltd

SMD3216-090N Datasheet(HTML) 3 Page - Ruilongyuan Electronics Co.,Ltd

  SMD3216-090N Datasheet HTML 1Page - Ruilongyuan Electronics Co.,Ltd SMD3216-090N Datasheet HTML 2Page - Ruilongyuan Electronics Co.,Ltd SMD3216-090N Datasheet HTML 3Page - Ruilongyuan Electronics Co.,Ltd SMD3216-090N Datasheet HTML 4Page - Ruilongyuan Electronics Co.,Ltd SMD3216-090N Datasheet HTML 5Page - Ruilongyuan Electronics Co.,Ltd SMD3216-090N Datasheet HTML 6Page - Ruilongyuan Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Gas Discharge Tubes - SMD3216 Series
Circuit Protection
System
Page:2
Specifications are subject to change without notice.
Please refer to http://www.ruilon.com for current information.
Electriacl Characteristics
Part No.
DC
Spark-over
Voltage
Maximum Impulse
Breakdown
Voltage
Max. Impulse
Discharge
Current
(8/20μs)
Impulse Life
Normal
Alternating
Discharge
Current
DC
Holdover
Voltage
100V/S
8/20μs
50Hz, 1Sec
8/20 μs,50A
@DC 100V
1MHz
(V)
(A)
(A)
Times
(MΩ)
(pF)
SMD3216-075N
75 (55~95)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-090N
90 (63~117)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-120N
120 (84~156)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-150N
150 (105~195)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-200N
200 (140~260)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-230N
230 (161~299)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-300N
300 (210~390)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-350N
350 (245~455)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-400N
400 (280~520)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-420N
420 (294~546)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-470N
470 (329~611)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-500N
500 (350~650)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1
SMD3216-600N
600 (420~780)
500A (Positive/Negative5 Times)
0.5A 10 Times
300
Min. 100
1


Similar Part No. - SMD3216-090N

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
SMD3216-090N LEIDITECH-SMD3216-090N Datasheet
106Kb / 1P
   Ceramic Gas Discharge Tube
More results

Similar Description - SMD3216-090N

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
GTCA36-231M-R10-FT MACOM-GTCA36-231M-R10-FT Datasheet
221Kb / 6P
   Gas Discharge Tubes
logo
SUNMATE electronic Co.,...
2R075-4S SUNMATE-2R075-4S Datasheet
674Kb / 3P
   GAS DISCHARGE TUBES
SMD5050-1000N SUNMATE-SMD5050-1000N Datasheet
404Kb / 2P
   GAS DISCHARGE TUBES
2R3000-6S SUNMATE-2R3000-6S Datasheet
932Kb / 3P
   GAS DISCHARGE TUBES
logo
Ruilongyuan Electronics...
2RB-5 RUILON-2RB-5 Datasheet
797Kb / 6P
   Gas Discharge Tubes
RL1212 RUILON-RL1212 Datasheet
555Kb / 5P
   Gas Discharge Tubes
logo
Tyco Electronics
GTCX28-XXXM-R05 MACOM-GTCX28-XXXM-R05 Datasheet
105Kb / 5P
   Gas Discharge Tubes
GTCX36-XXXM-R05 MACOM-GTCX36-XXXM-R05 Datasheet
144Kb / 6P
   Gas Discharge Tubes
logo
Ruilongyuan Electronics...
2R-6S RUILON-2R-6S Datasheet
711Kb / 6P
   Gas Discharge Tubes
2RA-6C RUILON-2RA-6C Datasheet
665Kb / 5P
   Gas Discharge Tubes
logo
Littelfuse
SL1021A145 LITTELFUSE-SL1021A145 Datasheet
272Kb / 4P
   Gas Discharge Tubes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com