Electronic Components Datasheet Search |
|
5120524-1 Datasheet(PDF) 6 Page - Tyco Electronics |
|
5120524-1 Datasheet(HTML) 6 Page - Tyco Electronics |
6 / 7 page No. of Dimensions Plug Part Number Positions ABC DH 30µ" Au Plating 50µ" Au Plating w/o pickup cap w/ pickup cap w/o pickup cap w/ pickup cap 6.35 .250 5120525-1 5146897-1 1-5120525-1 1-5146897-1 31.0 34.58 35.9 34.4 7.35 64 1.220 1.361 1.413 1.354 .289 5120526-1 5146898-1 1-5120526-1 1-5146898-1 8.35 .329 5120527-1 5146888-1 1-5120527-1 1-5146888-1 6.35 .250 5120525-2 5146897-2 1-5120525-2 1-5146897-2 41.0 44.58 45.9 44.4 7.35 84 1.614 1.755 1.807 1.748 .289 5120526-2 5146898-2 1-5120526-2 1-5146898-2 8.35 .329 5120527-2 5146888-2 1-5120527-2 1-5146888-2 Notes: 1. Shorter solder lands may be used per EIA-700 AAAB. However, the 2.7 [.106] length assures optimum solder fillet regardless of connector manufacturer. 2. 1.5 ±0.05 [.059 ±.002] diameter hole should be used if placed on PC board with vacuum placement equipment. 3. Part Numbers are RoHS compliant. 87 Catalog 889092 Dimensions are in millimeters Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 9-06 and inches unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com are standard equivalents. to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 1.0mm FH (IEEE 1386) Plugs with Locating Posts, 1.0 [.039] Pitch Fine Pitch SMT Stacking Connectors (Parallel Board-to-Board) 8 [.315] thru 15 [.591] Stacking Heights Material and Finish Housing — Liquid crystal polymer, black Contacts — Phosphor bronze; duplex plated 0.00076 [.000030] or .00127 [.00050] min. gold on contact area, 0.00381 [.000150] min. tin on solder area, with entire contact underplated 0.00127 [.000050] min. nickel Related Product Data Performance Characteristics — page 83 Stacking Height Combinations — page 84 Mating Receptacles — pages 85 & 86 Technical Documents EIA-700 AAAB Specification Application Specification 114-25045 Recommended PC Board Layout Line art with dimensions (3 views) per dwg. 120521 Line art with dimensions (1 view) per dwg. 120521 0.76 [.030] 1.65 [.065] 1.7 [.067] 1.65 [.065] 6.0 [.236] 6.05 [.238] 3.30 [.130] 0.5 [.020] 2 Plc. 0.30 [.012] Typ. 1.0 [.039] Pitch 1.0 [.039] Typ. B A C A D H D C L C L C L C L 0.6 [.024] Typ. 1.4±0.05 [.055±.002] Dia. See Note 2 2.7 [.106] Typ. See Note 1 1.4±0.05 [.055±.002] Dia. |
Similar Part No. - 5120524-1 |
|
Similar Description - 5120524-1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |