Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N90ZL-TF1-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3N90ZL-TF1-T
Description  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90ZL-TF1-T Datasheet(HTML) 4 Page - Unisonic Technologies

  3N90ZL-TF1-T Datasheet HTML 1Page - Unisonic Technologies 3N90ZL-TF1-T Datasheet HTML 2Page - Unisonic Technologies 3N90ZL-TF1-T Datasheet HTML 3Page - Unisonic Technologies 3N90ZL-TF1-T Datasheet HTML 4Page - Unisonic Technologies 3N90ZL-TF1-T Datasheet HTML 5Page - Unisonic Technologies 3N90ZL-TF1-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
3N90Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-913.a
TEST CIRCUITS AND WAVEFORMS
Same Type
as D.U.T.
L
VDD
Driver
VGS
RG
-
VDS
D.U.T.
+
* dv/dt controlled by RG
* ISD controlled by pulse period
* D.U.T.-Device Under Test
P. W.
Period
D=
VGS
(Driver)
ISD
(D.U.T.)
IFM, Body Diode Forward Current
di/dt
IRM
Body Diode Reverse Current
Body Diode Recovery dv/dt
Body Diode
Forward Voltage Drop
VDD
10V
VDS
(D.U.T.)
-
+
VGS=
P.W.
Period
Fig. 1A Peak Diode Recovery dv/dt Test Circuit
Fig. 1B Peak Diode Recovery dv/dt Waveforms


Similar Part No. - 3N90ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
3N90 NJSEMI-3N90 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Inchange Semiconductor ...
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
3N90-220 ISC-3N90-220 Datasheet
167Kb / 2P
   isc N-Channel MOSFET Transistor
3N90-220F ISC-3N90-220F Datasheet
162Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 3N90ZL-TF1-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
   11 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com