Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N90Z Datasheet(PDF) 5 Page - Unisonic Technologies

Part # 3N90Z
Description  3 Amps, 900 Volts N-CHANNEL POWER MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N90Z Datasheet(HTML) 5 Page - Unisonic Technologies

  3N90Z Datasheet HTML 1Page - Unisonic Technologies 3N90Z Datasheet HTML 2Page - Unisonic Technologies 3N90Z Datasheet HTML 3Page - Unisonic Technologies 3N90Z Datasheet HTML 4Page - Unisonic Technologies 3N90Z Datasheet HTML 5Page - Unisonic Technologies 3N90Z Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
3N90Z
Preliminary
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-913.a
TEST CIRCUITS AND WAVEFORMS (Cont.)
Fig. 2A Switching Test Circuit
Fig. 2B Switching Waveforms
50kΩ
0.3μF
DUT
VDS
Same Type
as D.U.T.
10V
0.2μF
12V
Charge
QGS
QGD
QG
VGS
3mA
VGS
Fig. 3A Gate Charge Test Circuit
Fig. 3B Gate Charge Waveform
Fig. 4A Unclamped Inductive Switching Test Circuit
Fig. 4B Unclamped Inductive Switching Waveforms


Similar Part No. - 3N90Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
logo
New Jersey Semi-Conduct...
3N90 NJSEMI-3N90 Datasheet
148Kb / 1P
   NPN/PNP DUAL EMITTER CHOPPER BI-POLAR TRANSISTORS
logo
Inchange Semiconductor ...
3N90 ISC-3N90 Datasheet
68Kb / 2P
   Fast Switching
3N90-220 ISC-3N90-220 Datasheet
167Kb / 2P
   isc N-Channel MOSFET Transistor
3N90-220F ISC-3N90-220F Datasheet
162Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 3N90Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
3N90 UTC-3N90 Datasheet
223Kb / 6P
   3 Amps, 900 Volts N-CHANNEL POWER MOSFET
8N90 UTC-8N90 Datasheet
163Kb / 5P
   8 Amps, 900 Volts N-CHANNEL POWER MOSFET
5N90 UTC-5N90 Datasheet
171Kb / 6P
   5 Amps, 900 Volts N-CHANNEL POWER MOSFET
6N90 UTC-6N90 Datasheet
180Kb / 6P
   6.2 Amps, 900 Volts N-CHANNEL POWER MOSFET
1N90 UTC-1N90 Datasheet
164Kb / 6P
   1 Amps, 900 Volts N-CHANNEL POWER MOSFET
10N90 UTC-10N90 Datasheet
194Kb / 6P
   10 Amps, 900 Volts N-CHANNEL POWER MOSFET
11N90 UTC-11N90 Datasheet
199Kb / 6P
   11 Amps, 900 Volts N-CHANNEL POWER MOSFET
2N90 UTC-2N90 Datasheet
186Kb / 6P
   2 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90_11 Datasheet
184Kb / 6P
   4 Amps, 900 Volts N-CHANNEL POWER MOSFET
4N90 UTC-4N90 Datasheet
165Kb / 6P
   4 Amps, 900 Volts N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com