Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

557GI-06LFT Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 557GI-06LFT
Description  2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

557GI-06LFT Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 557GI-06LFT Datasheet HTML 4Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 5Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 6Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 7Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 8Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 9Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 10Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 11Page - List of Unclassifed Manufacturers 557GI-06LFT Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ICS557-06
2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
PCIE FAN OUT BUFFER
IDT® 2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
10
ICS557-06
REV M 070512
Package Outline and Package Dimensions (20-pin TSSOP, 173 Mil. Narrow Body)
Package dimensions are kept current with JEDEC Publication No. 95
Ordering Information
"LF" suffix to the part number are the Pb-Free configuration, RoHS compliant.
While the information presented herein has been checked for both accuracy and reliability, Integrated Device Technology (IDT) assumes
no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No
other circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications
such as those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not
recommended without additional processing by IDT. IDT reserves the right to change any circuitry or specifications without notice. IDT
does not authorize or warrant any IDT product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
557G-06LF
See Page 9
Tubes
20-pin TSSOP
0 to +70
° C
557G-06LFT
Tape and Reel
20-pin TSSOP
0 to +70
° C
557GI-06LF
Tubes
20-pin TSSOP
-40 to +85
° C
557GI-06LFT
Tape and Reel
20-pin TSSOP
-40 to +85
° C
INDEX
AREA
1 2
20
D
E1
E
SEATING
PLANE
A1
A
A2
e
- C -
b
aaa C
c
L
*For reference only. Controlling dimensions in mm.
Millimeters
Inches*
Symbol
Min
Max
Min
Max
A1.20
0.047
A1
0.05
0.15
0.002
0.006
A2
0.80
1.05
0.032
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.0035
0.008
D
6.40
6.60
0.252
0.260
E
6.40 BASIC
0.252 BASIC
E1
4.30
4.50
0.169
0.177
e
0.65 Basic
0.0256 Basic
L
0.45
0.75
0.018
0.030
a0
°
8
°
0
°
8
°
aaa
--
0.10
--
0.004


Similar Part No. - 557GI-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
557GI-06LFT IDT-557GI-06LFT Datasheet
163Kb / 12P
   2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
557GI-06LFT RENESAS-557GI-06LFT Datasheet
321Kb / 13P
   2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
More results

Similar Description - 557GI-06LFT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557-06 IDT-ICS557-06_12 Datasheet
163Kb / 12P
   2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
logo
Renesas Technology Corp
ICS557-06 RENESAS-ICS557-06 Datasheet
321Kb / 13P
   2 TO 4 DIFFERENTIAL PCIE GEN1 CLOCK MUX
070512
9DMV0431 RENESAS-9DMV0431 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux
01/26/15
9DMU0431 RENESAS-9DMU0431 Datasheet
2Mb / 12P
   2:4 1.5V PCIe Gen1-2-3 Clock Mux
09/24/14
9DMU0131 RENESAS-9DMU0131 Datasheet
2Mb / 11P
   2:1 1.5V PCIe Gen1-2-3 Clock Mux
09/30/14
logo
Integrated Device Techn...
9DMV0141 IDT-9DMV0141_17 Datasheet
228Kb / 10P
   2:1 1.8V PCIe Gen1-2-3 Clock Mux
logo
Renesas Technology Corp
9DMV0131B RENESAS-9DMV0131B Datasheet
535Kb / 13P
   2:1 1.8V PCIe Gen1–5 Clock Mux
May 25, 2021
9DMV0441 RENESAS-9DMV0441 Datasheet
2Mb / 13P
   2:4 1.8V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
01/26/15
9DMU0441 RENESAS-9DMU0441 Datasheet
2Mb / 12P
   2:4 1.5V PCIe Gen1-2-3 Clock Mux w/Zo=100ohms
09/24/14
logo
Integrated Device Techn...
9DML0441 IDT-9DML0441 Datasheet
238Kb / 10P
   2:4 3.3V PCIe Clock Mux
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com