Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59-213 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 59-213
Description  MINIATURE METAL PANEL SEALED PUSHBUTTON
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

59-213 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  59-213 Datasheet HTML 1Page - List of Unclassifed Manufacturers 59-213 Datasheet HTML 2Page - List of Unclassifed Manufacturers 59-213 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Contact an Authorized Distributor or Factory for Pricing
36
www.itwswitches.com
APPLICATIONS
Communications
Instrumentation
Data processing
Process controls
Transportation/ Material handling
MINIATURE METAL PANEL SEALED PUSHBUTTON
This rugged panel sealed pushbutton is made of
a special high creep strength non-spark zinc
alloy suitable for use in mining or other
potentially explosive atmospheres where
dust and moisture are problematic.
KEY FEATURES:
Panel sealed to IP67
Momentary action
Non-spark material
500,000 life cycles @ max power
Impact resistant
Gold contacts
Wide temperature range: –55°C to +125°C
ACTUAL SIZE
STANDARDS / AGENCY / RATINGS:
RoHS
COMPLIANT
2002 / 95 / EC


IEC
IP67
COMPLIANT
V
DE
®
PUSHBUTTON SWITCHES
ORDERING INFORMATION:
Part Number
Bezel Style
Button Color*
59-111
Round
Black
59-112
Round
Red
59-113
Round
Green
59-211
Square
Black
59-212
Square
Red
59-213
Square
Green
59-311
High Round
Black
59-312
High Round
Red
59-313
High Round
Green
*Consult factory for additional colors.


Similar Part No. - 59-213

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
59-23UWD EVERLIGHT-59-23UWD Datasheet
159Kb / 10P
   Luminosity white Color LED
59-23UWD-TR8 EVERLIGHT-59-23UWD-TR8 Datasheet
159Kb / 10P
   Luminosity white Color LED
59-23UWD/TR8 EVERLIGHT-59-23UWD/TR8 Datasheet
159Kb / 10P
   Luminosity white Color LED
59-23UWD/TR8 EVERLIGHT-59-23UWD/TR8 Datasheet
159Kb / 10P
   Luminosity white Color LED
logo
OEN India Limited
59-24-1AE OENINDIA-59-24-1AE Datasheet
126Kb / 1P
   MINIATURE POWER RELAY
More results

Similar Description - 59-213

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
800A E-SWITCH-800A Datasheet
142Kb / 2P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
800B E-SWITCH-800B Datasheet
189Kb / 1P
   SEALED SUB-MINIATURE PUSHBUTTON SWITCHES
logo
C&K Components
FP CK-COMPONENTS-FP Datasheet
365Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
13 Mar 20
FP-SERIES CK-COMPONENTS-FP-SERIES Datasheet
178Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
GREATECS
PB4 GREATECS-PB4 Datasheet
1Mb / 2P
   Sealed Sub-Miniature Pushbutton Switches
logo
C&K Components
FP11 CK-COMPONENTS-FP11 Datasheet
159Kb / 3P
   Sealed Ultra Miniature Pushbutton Switches
logo
GREATECS
PB64 GREATECS-PB64 Datasheet
837Kb / 3P
   Sealed Sub-Miniature SMT Pushbutton Switches
logo
Grayhill, Inc
38EWSP7B1M1QT GRAYHILL-38EWSP7B1M1QT Datasheet
521Kb / 5P
   Sealed Snap Action Miniature Pushbutton Switches
logo
C&K Components
PLP16 CK-COMPONENTS-PLP16 Datasheet
552Kb / 4P
   Panel Mount LED Sealed Pushbutton Switch
8 Nov 21
logo
ZF Friedrichshafen AG
KFB2ALA2GBB ZFSWITCHES-KFB2ALA2GBB Datasheet
252Kb / 2P
   Sealed Pushbutton
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com