Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT25DF041A-MH-Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT25DF041A-MH-Y
Description  Minimum SPI Serial Flash Memory
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT25DF041A-MH-Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT25DF041A-MH-Y Datasheet HTML 1Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 2Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 3Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 4Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 5Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 6Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 7Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 8Page - List of Unclassifed Manufacturers AT25DF041A-MH-Y Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Features
Single 2.3V - 3.6V or 2.7V - 3.6V Supply
Serial Peripheral Interface (SPI) Compatible
– Supports SPI Modes 0 and 3
70 MHz Maximum Clock Frequency
Flexible, Uniform Erase Architecture
– 4-Kbyte Blocks
– 32-Kbyte Blocks
– 64-Kbyte Blocks
– Full Chip Erase
Individual Sector Protection with Global Protect/Unprotect Feature
– One 16-Kbyte Top Sector
– Two 8-Kbyte Sectors
– One 32-Kbyte Sector
– Seven 64-Kbyte Sectors
Hardware Controlled Locking of Protected Sectors via WP pin
Flexible Programming Options
– Byte/Page Program (1 to 256 Bytes)
– Sequential Program Mode Capability
Fast Program and Erase Times
– 1.2 ms Typical Page Program (256 Bytes) Time
– 50 ms Typical 4-Kbyte Block Erase Time
– 250 ms Typical 32-Kbyte Block Erase Time
– 400 ms Typical 64-Kbyte Block Erase Time
Automatic Checking and Reporting of Erase/Program Failures
JEDEC Standard Manufacturer and Device ID Read Methodology
Low Power Dissipation
– 5 mA Active Read Current (Typical)
– 15 µA Deep Power-down Current (Typical)
Endurance: 100,000 Program/Erase Cycles
Data Retention: 20 Years
Complies with Full Industrial Temperature Range
Industry Standard Green (Pb/Halide-free/RoHS Compliant) Package Options
– 8-lead SOIC (150-mil and 208-mil Wide)
– 8-pad Ultra Thin DFN (5 x 6 x 0.6 mm)
1.
Description
The AT25DF041A is a serial interface Flash memory device designed for use in a
wide variety of high-volume consumer-based applications in which program code is
shadowed from Flash memory into embedded or external RAM for execution. The
flexible erase architecture of the AT25DF041A, with its erase granularity as small as
4 Kbytes, makes it ideal for data storage as well, eliminating the need for additional
data storage EEPROM devices.
4-megabit
2.3-volt or
2.7-volt
Minimum
SPI Serial Flash
Memory
AT25DF041A
3668F–DFLASH–11/2013


Similar Part No. - AT25DF041A-MH-Y

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF041A-MH-Y ATMEL-AT25DF041A-MH-Y Datasheet
868Kb / 41P
   4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A-MH-Y ATMEL-AT25DF041A-MH-Y Datasheet
869Kb / 41P
   4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
More results

Similar Description - AT25DF041A-MH-Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
   Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
   Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
   Minimum SPI Serial Flash Memory
AT25DF081A ETC2-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF081A DIALOG-AT25DF081A Datasheet
1Mb / 54P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT25DF081A RENESAS-AT25DF081A Datasheet
1Mb / 53P
   8-Mbit 2.7V Minimum SPI Serial Flash Memory
2/2022
logo
ATMEL Corporation
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
   64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
   8-megabit 1.65-volt Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT25DF041B DIALOG-AT25DF041B Datasheet
490Kb / 4P
   4-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
AT25DF011 DIALOG-AT25DF011 Datasheet
485Kb / 3P
   1-Mbit, 1.7V-3.6V Minimum SPI Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com