Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CS4392 Datasheet(PDF) 5 Page - Cirrus Logic

Part No. CS4392
Description  24-Bit, 192 kHz Stereo DAC with Volume Control 
Download  42 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CIRRUS [Cirrus Logic]
Homepage  http://www.cirrus.com
Logo 

 
 5 page
background image
CS4392
DS459PP2
5
1. PIN DESCRIPTION - PCM DATA MODE
RST
1
Reset (Input) - Powers down device and resets all internal registers to their default settings.
VL
2
Logic Power (Input) - Positive power for the digital input/output.
SDATA
3
Serial Audio Data (Input) - Input for two’s complement serial audio data.
SCLK
4
Serial Clock (Input/Output) - Serial clock for the serial audio interface.
LRCK
5
Left Right Clock (Input/Output) - Determines which channel, Left or Right, is currently active on the
serial audio data line.
MCLK
6
Master Clock (Input) - Clock source for the delta-sigma modulator and digital filters.
FILT+
11
Positive Voltage Reference (Output) - Positive reference voltage for the internal sampling circuits.
CMOUT
12
Common Mode Voltage (Output) - Filter connection for internal quiescent voltage.
AMUTEC
BMUTEC
20
13
Mute Control (Output) - The Mute Control pin goes high during power-up initialization, reset, muting,
power-down or if the master clock to left/right clock frequency ratio is incorrect.
AOUTB-
AOUTB+
AOUTA+
AOUTA
14
15
18
19
Differential Analog Output (Outputs) - The full scale differential analog output level is specified in the
Analog Characteristics specification table.
AGND
16
Ground (Input)
VA
17
Analog Power (Input) - Positive power for the analog section.
Control Port Mode Definitions
M3
7
Mode Selection (Input) - This pins should be tied to GND level during control port mode.
SCL/CCLK
8
Serial Control Port Clock (Input) - Serial clock for the serial control port.
SDA/CDIN
9
Serial Control Data (Input/Output) - SDA is a data I/O line in I2C mode. CDIN is the input data line for
the control port interface in SPI mode.
AD0/CS
10
Address Bit 0 (I2C) / Control Port Chip Select (SPI) (Input/Output) - AD0 is achipaddress pininI2C
mode; CS is the chip select signal for SPI format.
Stand-Alone Mode Definitions
M3
M2
M1
M0
7
8
9
10
Mode Selection (Input) - Determines the operational mode of the device.
RST
AMUTEC
VL
AOUTA-
SDATA
AOUTA+
SCLK
VA
LRCK
AGND
MCLK
AOUTB+
M3
AOUTB-
(SCL/CCLK) M2
BMUTEC
(SDA/CDIN) M1
CMOUT
(AD0/CS)M0
FILT+
1
2
3
4
20
19
18
17
5
6
7
8
16
15
14
13
9
10
12
11




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CS4341A24-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS439124-Bit 192 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS4391A24-BIT 192 kHz STEREO DAC WITH VOLUME CONTROL 1 2 3 4 5 MoreCirrus Logic
CS434124-Bit 96 kHz Stereo DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
CS43L41Low Power 24-Bit 96 kHz DAC with Volume Control  1 2 3 4 5 MoreCirrus Logic
AD19394 ADC/8 DAC with PLL 192 kHz 24-Bit CODEC 1 2 3 4 5 MoreAnalog Devices
CS4398120 dB 192 kHz Multi-Bit DAC with Volume Control 1 2 3 4 5 MoreCirrus Logic
AD1852Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices
CS4351192 kHz STEREO DAC WITH 2 Vrms LINE OUT 1 2 3 4 5 MoreCirrus Logic
AD1853Stereo 24-Bit 192 kHz Multibit DAC 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl