Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK63K-V Datasheet(PDF) 6 Page - Power Integrations, Inc.

Part # LNK63K-V
Description  Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK63K-V Datasheet(HTML) 6 Page - Power Integrations, Inc.

Back Button LNK63K-V Datasheet HTML 2Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 3Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 4Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 5Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 6Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 7Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 8Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 9Page - Power Integrations, Inc. LNK63K-V Datasheet HTML 10Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Rev. C 03/14
6
LinkSwitch-HP
www.powerint.com
www.powerint.com
Figure 9.
Line Sensing and Auto-Restart Flow Chart.
1. Startup
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
No
No
No
No
No
No
No
No
No
No
No
No
No
2. Latching
Shutdown?
(CBF = 47 µF)
11. AC
Present?
(IFB > -250 µA)
14. Line OV?
(IFB > -1.15 mA
for 2 Cycles)
15. Brown-Out?
(IFB < -100 µA
for 8 Cycles)
16. Regulation
Lost? (VFB < 1.85 V
for 35 ms)
9. Latch Reset?
(VPD > 3.4 V)
8. Stop Switching
10. Reset Latch
21. Line OV?
(IFB > 1.15 mA
for 2 Cycles)
22. Brown-Out?
(IFB < -100 µA
for 8 Cycles)
17. Stop Switching
18. Pause 150 ms
(Auto-Restart Off
Period tAR(OFF)1)
23. Regulation
Lost? (VFB < 1.85 V
for 35 ms)
24. Stop Switching
19. AC Present?
(IFB > -250 µA)
25. Pause 1500 ms
(Auto-Restart Off
Period tAR(OFF)2)
3. AC
Present?
(IFB > -250 µA)
5. Line OV?
(IFB > -1.15 mA
for 2 Cycles)
6. Brown-Out?
(IFB < -100 µA
for 8 Cycles)
7. Regulation
Lost? (VFB < 1.85 V
for 35 ms)
26. Pause 150 ms
(Auto-Restart Off
Period (tAR(OFF))
4. Start Switching
(With 15 ms
Soft-Start)
27. Pause 150 ms
(Auto-Restart Off
Period tAR(OFF)1)
12. Start Switching
(With 15 ms
Soft-Start)
20. Start Switching
(With 15 ms
Soft-Start)
PI-6838-101812


Similar Part No. - LNK63K-V

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK632DG POWERINT-LNK632DG Datasheet
551Kb / 10P
   Energy-Efficient, Accurate CV Switcher With CC Control for Adapters and Chargers
More results

Similar Description - LNK63K-V

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK6774E POWERINT-LNK6774E Datasheet
2Mb / 24P
   Energy Efficient, High-Power Off-Line Switcher With Accurate Primary-Side Regulation (PSR)
LNK6663E POWERINT-LNK6663E Datasheet
3Mb / 25P
   Energy Efficient, High-Power Off-Line Switcher with Accurate Primary-Side Regulation (PSR)
November 2022
LNK6404D POWERINT-LNK6404D Datasheet
2Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CV/CC Switcher for Adapters and Chargers
March 2016
LYT2002 POWERINT-LYT2002 Datasheet
1Mb / 18P
   Energy-Efficient, Accurate Primary-Side Regulation CC/CV Switcher for LED Lighting Applications
September 2015
LNK623 POWERINT-LNK623_V01 Datasheet
1Mb / 20P
   Energy-Efficient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) ControlPrimary-side Constant-Voltage (CV) Control
May 2021
LNK623 POWERINT-LNK623 Datasheet
540Kb / 18P
   Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
TNY256PN POWERINT-TNY256PN Datasheet
517Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TYN256P POWERINT-TYN256P Datasheet
155Kb / 20P
   Energy Efficient, Low Power Off-line Switcher
TNY290PG POWERINT-TNY290PG Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher With Line Compensated Overload Power
TNY284 POWERINT-TNY284 Datasheet
2Mb / 26P
   Energy-Efficient, Off-Line Switcher with Line Compensated Overload Power
October 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com