Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6022IM Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6022IM
Description  LMC6022 Low Power CMOS Dual Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMC6022IM Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6022IM Datasheet HTML 5Page - Texas Instruments LMC6022IM Datasheet HTML 6Page - Texas Instruments LMC6022IM Datasheet HTML 7Page - Texas Instruments LMC6022IM Datasheet HTML 8Page - Texas Instruments LMC6022IM Datasheet HTML 9Page - Texas Instruments LMC6022IM Datasheet HTML 10Page - Texas Instruments LMC6022IM Datasheet HTML 11Page - Texas Instruments LMC6022IM Datasheet HTML 12Page - Texas Instruments LMC6022IM Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LMC6022
www.ti.com
SNOS622D – NOVEMBER 1994 – REVISED MARCH 2013
APPLICATION HINTS
AMPLIFIER TOPOLOGY
The topology chosen for the LMC6022 is unconventional (compared to general-purpose op amps) in that the
traditional unity-gain buffer output stage is not used; instead, the output is taken directly from the output of the
integrator, to allow rail-to-rail output swing. Since the buffer traditionally delivers the power to the load, while
maintaining high op amp gain and stability, and must withstand shorts to either rail, these tasks now fall to the
integrator.
As a result of these demands, the integrator is a compound affair with an embedded gain stage that is doubly fed
forward (via Cf and Cff) by a dedicated unity-gain compensation driver. In addition, the output portion of the
integrator is a push-pull configuration for delivering heavy loads. While sinking current the whole amplifier path
consists of three gain stages with one stage fed forward, whereas while sourcing the path contains four gain
stages with two fed forward.
Figure 26. LMC6022 Circuit Topology (Each Amplifier)
The large signal voltage gain while sourcing is comparable to traditional bipolar op amps for load resistance of at
least 5 k
Ω. The gain while sinking is higher than most CMOS op amps, due to the additional gain stage;
however, when driving load resistance of 5 k
Ω or less, the gain will be reduced as indicated in the Electrical
Characteristics. The op amp can drive load resistance as low as 500
Ω without instability.
COMPENSATING INPUT CAPACITANCE
Refer to the LMC660 or LMC662 datasheets to determine whether or not a feedback capacitor will be necessary
for compensation and what the value of that capacitor would be.
CAPACITIVE LOAD TOLERANCE
Like many other op amps, the LMC6022 may oscillate when its applied load appears capacitive. The threshold of
oscillation varies both with load and circuit gain. The configuration most sensitive to oscillation is a unity-gain
follower. See the TYPICAL PERFORMANCE CHARACTERISTICS.
The load capacitance interacts with the op amp's output resistance to create an additional pole. If this pole
frequency is sufficiently low, it will degrade the op amp's phase margin so that the amplifier is no longer stable at
low gains. The addition of a small resistor (50
Ω to 100Ω) in series with the op amp's output, and a capacitor (5
pF to 10 pF) from inverting input to output pins, returns the phase margin to a safe value without interfering with
lower-frequency circuit operation. Thus, larger values of capacitance can be tolerated without oscillation. Note
that in all cases, the output will ring heavily when the load capacitance is near the threshold for oscillation.
Figure 27. Rx, Cx Improve Capacitive Load Tolerance
Copyright © 1994–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6022


Similar Part No. - LMC6022IM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6022IM NSC-LMC6022IM Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
More results

Similar Description - LMC6022IM

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM832BW ELM-ELM832BW Datasheet
926Kb / 10P
   CMOS Low power dual operational amplifier
logo
National Semiconductor ...
LMC6022 NSC-LMC6022 Datasheet
339Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662 Datasheet
585Kb / 16P
   Low Power CMOS Dual Operational Amplifier
LPC662 NSC-LPC662_14 Datasheet
644Kb / 20P
   Low Power CMOS Dual Operational Amplifier
logo
ELM Technology Corporat...
ELM832BW ELM-TECH-ELM832BW Datasheet
119Kb / 10P
   CMOS Low power dual operational amplifier
logo
Advanced Linear Devices
ALD2732A ALD-ALD2732A Datasheet
92Kb / 9P
   PRECISION DUAL LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
LPC662 TI1-LPC662 Datasheet
644Kb / 20P
[Old version datasheet]   LPC662 Low Power CMOS Dual Operational Amplifier
logo
Advanced Linear Devices
ALD2722 ALD-ALD2722_11 Datasheet
110Kb / 13P
   DUAL EPAD짰 LOW POWER CMOS OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LPC661 NSC-LPC661_14 Datasheet
363Kb / 17P
   Low Power CMOS Operational Amplifier
LPC661 NSC-LPC661 Datasheet
311Kb / 13P
   Low Power CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com