Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM4901MMX Datasheet(PDF) 4 Page - Texas Instruments

Part # LM4901MMX
Description  1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4901MMX Datasheet(HTML) 4 Page - Texas Instruments

  LM4901MMX Datasheet HTML 1Page - Texas Instruments LM4901MMX Datasheet HTML 2Page - Texas Instruments LM4901MMX Datasheet HTML 3Page - Texas Instruments LM4901MMX Datasheet HTML 4Page - Texas Instruments LM4901MMX Datasheet HTML 5Page - Texas Instruments LM4901MMX Datasheet HTML 6Page - Texas Instruments LM4901MMX Datasheet HTML 7Page - Texas Instruments LM4901MMX Datasheet HTML 8Page - Texas Instruments LM4901MMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
LM4901
SNAS139F – DECEMBER 2001 – REVISED DECEMBER 2001
www.ti.com
Electrical Characteristics VDD = 5V
(1)(2) (continued)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4901
Units
Parameter
Test Conditions
(Limits)
Typical(3)
Limit(4)(5)
VSDIL
Shutdown Voltage Input Low
VSD MODE = GND
1.3
V (max)
VOS
Output Offset Voltage
7
50
mV (max)
ROUT
9.7
k
Ω (max)
Resistor Output to GND(6)
8.5
7.0
k
Ω (min)
Output Power
(8
Ω)
THD = 1% (max); f = 1 kHz
1.07
0.9
W (min)
Po
(4
Ω)(7)(8)
THD = 1% (max); f = 1 kHz
1.6
W
TWU
Wake-up time
100
ms (max)
THD+N
Total Harmonic Distortion+Noise
Po = 0.5 Wrms; f = 1kHz
0.2
%
Vripple = 200mV sine p-p
60 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
Input terminated with 10
64 (f = 1kHz)
(6)
RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the
two 20k
Ω resistors.
(7)
The Exposed-DAP of the NGZ0010B package should be electrically connected to GND or an electrically isolated copper area. The
LM4901NGZ demo board (views featured in the Application Information section) has the Exposed-DAP connected to GND with a PCB
area of 86.7mils x 585mils (2.02mm x 14.86mm) on the copper top layer and 550mils x 710mils (13.97mm x 18.03mm) on the copper
bottom layer.
(8)
The thermal performance of the WSON package (LM4901NGZ) when used with the exposed-DAP connected to a thermal plane is
sufficient for driving 4
Ω loads. The LM4901NGZ demo board (views featured in the Application Information section) can drive 4Ω loads
at the maximum power dissipation point (1.267W) without thermal shutdown circuitry being activated. The other available packages do
not have the thermal performance necessary for driving 4
Ω loads with a 5V supply and are not recommended for this application.
Electrical Characteristics VDD = 3V
(1) (2)
The following specifications apply for the circuit shown in Figure 1, unless otherwise specified. Limits apply for TA = 25°C.
LM4901
Units
Parameter
Test Conditions
(Limits)
Typical(3)
Limit(4)(5)
VIN = 0V, Io = 0A, No Load
2
7
mA (max)
IDD
Quiescent Power Supply Current
VIN = 0V, Io = 0A, 8Ω Load
3
9
mA (max)
ISD
Shutdown Current
VSD = VSD Mode
0.1
2.0
µA (max)
VSDIH
Shutdown Voltage Input High
VSD MODE = VDD
1.1
V (min)
VSDIL
Shutdown Voltage Input Low
VSD MODE = VDD
0.9
V (max)
VSDIH
Shutdown Voltage Input High
VSD MODE = GND
1.3
V (min)
VSDIL
Shutdown Voltage Input Low
VSD MODE = GND
1.0
V (max)
VOS
Output Offset Voltage
7
50
mV (max)
ROUT
9.7
k
Ω (max)
Resistor Output to GND(6)
8.5
7.0
k
Ω (min)
Output Power
(8
Ω)
THD = 1% (max); f = 1 kHz
390
mW
Po
(4
Ω)
THD = 1% (max); f = 1 kHz
525
mW
TWU
Wake-up time
75
ms (max)
THD+N
Total Harmonic Distortion + Noise
Po = 0.25 Wrms; f = 1kHz
0.1
%
Vripple = 200mV sine p-p
62 (f = 217Hz)
PSRR
Power Supply Rejection Ratio
55
dB (min)
Input terminated with 10
68 (f = 1kHz)
(1)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(2)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are ensured to TI's AOQL (Average Outgoing Quality Level).
(5)
Datasheet min/max specification limits are ensured by design, test, or statistical analysis.
(6)
RROUT is measured from the output pin to ground. This value represents the parallel combination of the 10kΩ output resistors and the
two 20k
Ω resistors.
4
Submit Documentation Feedback
Copyright © 2001, Texas Instruments Incorporated
Product Folder Links: LM4901


Similar Part No. - LM4901MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4901MM NSC-LM4901MM Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
More results

Similar Description - LM4901MMX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4901 NSC-LM4901 Datasheet
1Mb / 24P
   1.6 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
LM4990 NSC-LM4990 Datasheet
728Kb / 19P
   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Texas Instruments
LM4990 TI-LM4990_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Watt Audio Power Amplifier with Selectable Shutdown Logic Level
logo
Unisonic Technologies
PA4894 UTC-PA4894 Datasheet
494Kb / 11P
   1.8 WATT DIFFERENTIAL AUDIO POWER AMPLIFIER WITH SELECTABLE SHUTDOWN
logo
ON Semiconductor
NCP4894 ONSEMI-NCP4894 Datasheet
164Kb / 18P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
November, 2005 ??Rev. 8
NCP4894 ONSEMI-NCP4894_07 Datasheet
171Kb / 19P
   1.8 Watt Differential Audio Power Amplifier with Selectable Shutdown
January, 2007 ??Rev. 9
logo
MOSA ELECTRONICS
MS6901 MOSA-MS6901_1 Datasheet
347Kb / 9P
   Mono 1.1W Power Amplifier Selectable Shutdown Logic Level Low Voltage Operation
logo
SG Micro Corp
SGM4996 SGMICRO-SGM4996_17 Datasheet
1Mb / 16P
   1.3W Fully Differential Audio Power Amplifier with Selectable Shutdown
logo
National Semiconductor ...
LM4876 NSC-LM4876 Datasheet
247Kb / 9P
   1.1W Audio Power Amplifier with Shutdown Logic Low
logo
Texas Instruments
LM4876M TI1-LM4876M Datasheet
1,011Kb / 19P
[Old version datasheet]   1.1W Audio Power Amplifier with Logic Low Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com