Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4336-KS Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4336-KS
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4336-KS Datasheet(HTML) 4 Page - Cirrus Logic

  CS4336-KS Datasheet HTML 1Page - Cirrus Logic CS4336-KS Datasheet HTML 2Page - Cirrus Logic CS4336-KS Datasheet HTML 3Page - Cirrus Logic CS4336-KS Datasheet HTML 4Page - Cirrus Logic CS4336-KS Datasheet HTML 5Page - Cirrus Logic CS4336-KS Datasheet HTML 6Page - Cirrus Logic CS4336-KS Datasheet HTML 7Page - Cirrus Logic CS4336-KS Datasheet HTML 8Page - Cirrus Logic CS4336-KS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
CS4334/5/6/7/8/9
4
DS248PP3
1. CHARACTERISTICS/SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25 °C; Logic "1" = VA = 5 V; Logic "0" = AGND;
Full-Scale Output Sine Wave, 997 Hz; MCLK = 12.288 MHz; Fs for Base-rate Mode = 48 kHz, SCLK = 3.072 MHz,
Measurement Bandwidth 10 Hz to 20 kHz, unless otherwise specified; Fs for High-Rate Mode = 96 kHz,
SCLK = 6.144 MHz, Measurement Bandwidth 10 Hz to 40 kHz, unless otherwise specified. Test load RL = 10 kΩ,
CL = 10 pF (see Figure 1))
Notes: 1. One-half LSB of triangular PDF dither added to data.
Parameter
Base-rate Mode
High-Rate Mode
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
Dynamic Performance for CS4334/5/6/7/8/9-KS
Specified Temperature Range
TA
-10
-
70
-10
-
70
°C
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
88
91
86
89
93
96
91
94
-
-
-
-
-
91
-
89
90
96
88
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-73
-33
-86
-71
-31
-83
-68
-28
-81
-66
-26
-
-
-
-
-
-
-88
-70
-30
-86
-68
-28
-83
-65
-25
-81
-63
-23
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
94
-
-
95
-
dB
Dynamic Performance for CS4334/5/6/7/8/9-BS
Specified Temperature Range
TA
-40
-
85
-40
-
85
°C
Dynamic Range
(Note 1)
18 to 24-Bit
unweighted
A-Weighted
16-Bit
unweighted
A-Weighted
85
88
83
86
93
96
91
94
-
-
-
-
-
88
-
86
90
96
88
94
-
-
-
-
dB
dB
dB
dB
Total Harmonic Distortion + Noise
(Note 1)
18 to 24-Bit
0 dB
-20 dB
-60 dB
16-Bit
0 dB
-20 dB
-60 dB
THD+N
-
-
-
-
-
-
-88
-73
-33
-86
-71
-31
-82
-65
-25
-70
-63
-23
-
-
-
-
-
-
-88
-70
-30
-86
-68
-28
-82
-62
-22
-80
-60
-20
dB
dB
dB
dB
dB
dB
Interchannel Isolation
(1 kHz)
-
94
-
-
95
-
dB


Similar Part No. - CS4336-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4330 CIRRUS-CS4330 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
CS4330-BS CIRRUS-CS4330-BS Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
CS4330-KS CIRRUS-CS4330-KS Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
CS4331 CIRRUS-CS4331 Datasheet
1Mb / 38P
   8 Pin Stereo D/A Converter for Digital Audio
logo
List of Unclassifed Man...
CS4331 ETC-CS4331 Datasheet
115Kb / 1P
   Integrated Wavetable Music Synthesizer
JAN .95
More results

Similar Description - CS4336-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com