Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4335-KS Datasheet(PDF) 11 Page - Cirrus Logic

Part # CS4335-KS
Description  8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4335-KS Datasheet(HTML) 11 Page - Cirrus Logic

Back Button CS4335-KS Datasheet HTML 7Page - Cirrus Logic CS4335-KS Datasheet HTML 8Page - Cirrus Logic CS4335-KS Datasheet HTML 9Page - Cirrus Logic CS4335-KS Datasheet HTML 10Page - Cirrus Logic CS4335-KS Datasheet HTML 11Page - Cirrus Logic CS4335-KS Datasheet HTML 12Page - Cirrus Logic CS4335-KS Datasheet HTML 13Page - Cirrus Logic CS4335-KS Datasheet HTML 14Page - Cirrus Logic CS4335-KS Datasheet HTML 15Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
CS4334/5/6/7/8/9
DS248PP3
11
3. GENERAL DESCRIPTION
The CS4334 family of devices offers a complete
stereo digital-to-analog system including digital in-
terpolation, fourth-order delta-sigma digital-to-an-
alog conversion, digital de-emphasis and analog
filtering, as shown in Figure 8. This architecture
provides a high tolerance to clock jitter.
The primary purpose of using delta-sigma modula-
tion techniques is to avoid the limitations of resis-
tive laser trimmed digital-to-analog converter
architectures by using an inherently linear 1-bit
digital-to-analog converter. The advantages of a 1-
bit digital-to-analog converter include: ideal differ-
ential linearity, no distortion mechanisms due to re-
sistor matching errors and no linearity drift over
time and temperature due to variations in resistor
values.
The CS4334 family of devices supports two modes
of operation. The devices operate in Base Rate
Mode (BRM) when MCLK/LRCK is 256, 384 or
512 and in High Rate Mode (HRM) when
MCLK/LRCK is 128 or 192. High Rate Mode al-
lows input sample rates up to 100 kHz.
3.1 Digital Interpolation Filter
The digital interpolation filter increases the sample
rate, Fs, by a factor of 4 and is followed by a
32× digital sample-and-hold (16× in HRM). This
filter eliminates images of the baseband audio sig-
nal which exist at multiples of the input sample
rate. The resulting frequency spectrum has images
of the input signal at multiples of 4 Fs. These imag-
es are easily removed by the on-chip analog low-
pass filter and a simple external analog filter (see
Figure 7).
3.2 Delta-Sigma Modulator
The interpolation filter is followed by a fourth or-
der delta-sigma modulator which converts the in-
terpolation filter output into 1-bit data at a rate of
128 Fs in BRM (or 64 Fs in HRM).
3.3 Switched-Capacitor DAC
The delta-sigma modulator is followed by a digital-
to-analog converter which translates the 1-bit data
into a series of charge packets. The magnitude of
the charge in each packet is determined by sam-
pling of a voltage reference onto a switched capac-
itor, where the polarity of each packet is controlled
by the 1-bit data. This technique greatly reduces the
sensitivity to clock jitter and provides low-pass fil-
tering of the output.
3.4 Analog Low-Pass Filter
The final signal stage consists of a continuous-time
low-pass filter which serves to smooth the output
and attenuate out-of-band noise.
Interpolator
Delta-Sigma
Modulator
DAC
Analog
Low-Pass
Filter
Analog
Output
Digital
Input
Figure 8. System Block Diagram


Similar Part No. - CS4335-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4335-KS CIRRUS-CS4335-KS Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4335-KSZ CIRRUS-CS4335-KSZ Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4335-KSZ CIRRUS-CS4335-KSZ Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
More results

Similar Description - CS4335-KS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4334 CIRRUS-CS4334_04 Datasheet
740Kb / 25P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS4334 CIRRUS-CS4334_08 Datasheet
806Kb / 24P
   8-Pin, 24-Bit, 96 kHz Stereo D/A Converter
CS5333 CIRRUS-CS5333 Datasheet
375Kb / 20P
   24-Bit, 96 kHz Stereo A/D Converter?
logo
Elite Semiconductor Mem...
AD12250A ESMT-AD12250A Datasheet
132Kb / 3P
   24 bit, 96 kHz Stereo A/D Converter
logo
Texas Instruments
PCM1807 TI1-PCM1807_15 Datasheet
796Kb / 33P
[Old version datasheet]   96-kHz Stereo A/D Converter
PCM1803 TI1-PCM1803_09 Datasheet
447Kb / 23P
[Old version datasheet]   96-kHz STEREO A/D CONVERTER
PCM1803A TI-PCM1803A Datasheet
228Kb / 22P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1802DBRG4 TI1-PCM1802DBRG4 Datasheet
411Kb / 28P
[Old version datasheet]   SINGLE-ENDED ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
PCM1803 TI-PCM1803 Datasheet
320Kb / 20P
[Old version datasheet]   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
logo
Burr-Brown (TI)
PCM1808 BURR-BROWN-PCM1808 Datasheet
229Kb / 23P
   SINGLE-ENDED, ANALOG-INPUT 24-BIT, 96-kHz STEREO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com