Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4362 Datasheet(PDF) 10 Page - Cirrus Logic

Part # CS4362
Description  114 dB, 192 kHz 6-Channel D/A Converter?
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4362 Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS4362 Datasheet HTML 6Page - Cirrus Logic CS4362 Datasheet HTML 7Page - Cirrus Logic CS4362 Datasheet HTML 8Page - Cirrus Logic CS4362 Datasheet HTML 9Page - Cirrus Logic CS4362 Datasheet HTML 10Page - Cirrus Logic CS4362 Datasheet HTML 11Page - Cirrus Logic CS4362 Datasheet HTML 12Page - Cirrus Logic CS4362 Datasheet HTML 13Page - Cirrus Logic CS4362 Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
CS4362
10
SWITCHING CHARACTERISTICS - CONTROL PORT - I2CFORMAT
(For KQ TA =-10 to +70 °C; For BQ TA =-40 to +85 °C; VLC = 1.8 V to 5.5 V; Inputs: Logic 0 = GND, Logic
1= VLC, CL =30pF)
Notes: 20. Data must be held for sufficient time to bridge the transition time, tfc,of SCL.
21. The acknowledge delay is based on MCLK and can limit the maximum transaction speed.
22.
for Single-Speed Mode,
for Double-Speed Mode,
for Quad-Speed Mode.
Parameter
Symbol
Min
Max
Unit
SCL Clock Frequency
fscl
-
100
kHz
RST Rising Edge to Start
tirs
500
-
ns
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time from SCL Falling
(Note 20)
thdd
0-
µs
SDA Setup time to SCL Rising
tsud
250
-
ns
Rise Time of SCL and SDA
trc,trc
-1
µs
Fall Time SCL and SDA
tfc,tfc
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
Acknowledge Delay from SCL Falling
(Note 21)
tack
-(Note 22)
ns
15
256
Fs
×
---------------------
15
128
Fs
×
---------------------
15
64
Fs
×
------------------
t
buf
t
hd st
t
lo w
t
hdd
t
high
t
sud
Stop
S t a rt
SD A
SC L
t
irs
RS T
t
hd st
t
rc
t
fc
t sust
t su sp
St a r t
Sto p
R epe at e d
t
rd
t
fd
t
ack
Figure 3. Control Port Timing - I
2CFormat


Similar Part No. - CS4362

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4362 CIRRUS-CS4362 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362-KQZ CIRRUS-CS4362-KQZ Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4362-KQZ CIRRUS-CS4362-KQZ Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362-KQZR CIRRUS-CS4362-KQZR Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
More results

Similar Description - CS4362

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5366 CIRRUS-CS5366 Datasheet
713Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS5366 CIRRUS-CS5366_08 Datasheet
645Kb / 41P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362A CIRRUS-CS4362A_09 Datasheet
1,011Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4365 CIRRUS-CS4365 Datasheet
734Kb / 51P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A Datasheet
686Kb / 47P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_08 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362A CIRRUS-CS4362A_08 Datasheet
1,000Kb / 50P
   114 dB, 192 kHz 6-Channel D/A Converter
CS4362 CIRRUS-CS4362_08 Datasheet
837Kb / 42P
   114 dB, 192 kHz 6-Channel D/A Converter
CS5366 CIRRUS-CS5366_09 Datasheet
384Kb / 42P
   114 dB, 192 kHz, 6-Channel A/D Converter
CS4362 CIRRUS-CS4362_04 Datasheet
1,010Kb / 42P
   114 dB, 192 kHz 6-channel D/A Converter
CS4365 CIRRUS-CS4365_07 Datasheet
1Mb / 52P
   114 dB, 192 kHz 6-Channel D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com