Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UP4B-220 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # UP4B-220
Description  Miniature surface mount design
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

UP4B-220 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  UP4B-220 Datasheet HTML 1Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 2Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 3Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 4Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 5Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 6Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 7Page - Cooper Bussmann, Inc. UP4B-220 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Description
• Miniature surface mount design
• Inductance range from 0.470uH to 1000uH
• Current range from 19.2 to .47 Amps
• Maximum power density
• Ideal for applications requiring low inductance and high
current in a miniature package
• Modified standard products are available
• Protective case eliminates core breakage
• Meets UL 94V-0 flammability standard
Applications
• DC-DC converters on board level and industrial
products
Environmental Data
• Storage temperature range: -40C to +125C
• Operating ambient temperature range: -40C to +85C
(range is application specific)
• Infrared reflow temperature: +240C for 30 seconds
maximum
Packaging
• Supplied in tape and reel packaging, 900 (UP1B), 550
(UP2B), 450 (UP3B), and 275 (UP4B) per reel
Part
Inductance
OCL(1)
I RMS(2)
I SAT(3)
DCR(4)
Number
µH (rated)
µH±20%
Amperes
Amperes
Ohms max.
UP1B-R47
0.47
0.569
6.0
7.7
0.0097
UP1B-1R0
1.0
1.20
4.4
5.3
0.0177
UP1B-1R5
1.5
1.61
4.2
4.5
0.0200
UP1B-2R2
2.2
2.62
3.1
3.5
0.0363
UP1B-3R3
3.3
3.79
2.9
3.0
0.0428
UP1B-4R7
4.7
5.15
2.2
2.6
0.0544
UP1B-6R8
6.8
6.87
1.7
2.2
0.0897
UP1B-100
10.0
11.00
1.5
1.9
0.1107
UP1B-150
15.0
16.00
1.2
1.5
0.1747
UP1B-220
22.0
23.50
1.0
1.2
0.2541
UP1B-330
33.0
36.00
0.82
0.99
0.3670
UP1B-470
47.0
48.50
0.72
0.87
0.4740
UP1B-680
68.0
73.52
0.58
0.67
0.7320
UP1B-101
100.0
112.67
0.47
0.53
1.11
UP1B-151
150.0
152.40
0.40
0.46
1.61
UP1B-221
220.0
223.10
0.36
0.38
1.96
UP1B-331
330.0
331.90
0.28
0.31
3.10
UP2B-R47
0.47
0.595
10.6
11.4
0.0049
UP2B-1R0
1.0
1.00
9.3
9.9
0.0065
UP2B-1R5
1.5
1.46
8.3
7.9
0.0081
UP2B-2R2
2.2
2.56
7.2
6.1
0.0107
UP2B-3R3
3.3
3.23
6.5
5.1
0.0128
UP2B-4R7
4.7
4.77
5.5
4.2
0.0165
UP2B-6R8
6.8
6.63
5.0
3.6
0.0202
UP2B-100
10.0
9.73
4.3
3.3
0.0267
UP2B-150
15.0
15.43
3.5
2.4
0.0410
UP2B-220
22.0
22.50
2.8
2.0
0.0617
UP2B-330
33.0
33.13
2.1
1.7
0.0917
UP2B-470
47.0
48.65
1.7
1.4
0.1388
UP2B-680
68.0
68.17
1.5
1.2
0.1787
UP2B-820
82.0
84.1
1.34
1.03
0.2235
UP2B-101
100.0
102.60
1.2
0.95
0.2707
UP2B-151
150.0
150
1.0
0.77
0.4100
UP2B-221
220.0
223
0.773
0.637
0.6717
UP2B-331
330.0
338
0.676
0.510
0.8783
UP2B-471
470.0
471
0.553
0.427
1.31
Notes: (1) Open Circuit Inductance Test Parameters: 100KHz, .250Vrms, 0.0Adc.
(2) RMS current for an approximate ∆T of 40°C. at an ambient temperature
of 85˚C.
(3) Peak current for approximately 10% rolloff.
(4) DCR limits 20°C.
®
UNI-PAC™
Power Inductors
(Surface Mount)
NOW
AVA
ILABLE
WITH
A
PROTECTI
VE CASE


Similar Part No. - UP4B-220

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP4B-220-R COOPER-UP4B-220-R Datasheet
889Kb / 7P
   Miniature surface mount design
logo
Eaton All Rights Reserv...
UP4B-220-R EATON-UP4B-220-R Datasheet
2Mb / 7P
   UNI-PAC??drum core power inductors
More results

Similar Description - UP4B-220

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
UP1B-R47-R COOPER-UP1B-R47-R Datasheet
889Kb / 7P
   Miniature surface mount design
logo
XFMRS Inc.
XF2506OB XFMRS-XF2506OB Datasheet
61Kb / 1P
   TRUE SURFACE MOUNT DESIGN
logo
Maxim Integrated Produc...
MAX606EVKIT MAXIM-MAX606EVKIT Datasheet
90Kb / 4P
   Tiny Surface-Mount Design
Rev 1; 1/99
logo
XFMRS Inc.
XFSMD1 XFMRS-XFSMD1 Datasheet
65Kb / 2P
   True Surface Mount Design
XFWI453630-XXX XFMRS-XFWI453630-XXX Datasheet
83Kb / 2P
   Ture Surface Mount Design
logo
Cooper Bussmann, Inc.
UP2C-R47-R COOPER-UP2C-R47-R Datasheet
146Kb / 2P
   Miniature surface mount design with rugged case to eliminate core breakage
logo
TT Electronics.
OPR5200 TTELEC-OPR5200 Datasheet
1Mb / 3P
   Miniature Surface Mount
logo
CTS Corporation
768 CTS-768_16 Datasheet
95Kb / 4P
   Surface Mount Gull Wing Design
logo
Vectron International, ...
PX-340 VECTRON-PX-340 Datasheet
305Kb / 4P
   Miniature Hybrid Design
logo
Abracon Corporation
ABM2 ABRACON-ABM2 Datasheet
466Kb / 1P
   CERAMIC SURFACE MOUNT MINIATURE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com