Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPJ1J181MPD Datasheet(PDF) 7 Page - Nichicon corporation

Part # UPJ1J181MPD
Description  Low Impedance, For Switching Power Supplies
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

UPJ1J181MPD Datasheet(HTML) 7 Page - Nichicon corporation

  UPJ1J181MPD Datasheet HTML 1Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 2Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 3Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 4Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 5Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 6Page - Nichicon corporation UPJ1J181MPD Datasheet HTML 7Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PJ
series
ALUMINUM ELECTROLYTIC CAPACITORS
Standard Ratings
Code
Case size
φD × L
(mm)
Case size
φD × L
(mm)
Impedance (
Ω ) MAX.
Impedance (
Ω ) MAX.
Rated ripple (mArms)
Rated ripple (mArms)
100 (2A)
6
20˚C / 100kHz
20˚C / 100kHz
– 10˚C / 100kHz
– 10˚C / 100kHz
105˚C / 120Hz
105˚C / 120Hz
Cap. (µF)
Size code
0.47
0.68
1
1.5
2.2
3.3
4.7
6.8
10
12
15
18
22
27
33
39
47
56
68
82
100
120
150
180
220
270
330
390
470
560
680
R47
R68
010
1R5
2R2
3R3
4R7
6R8
100
120
150
180
220
270
330
390
470
560
680
820
101
121
151
181
221
271
331
391
471
561
681
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
5
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 11
6.3
× 15
6.3
× 15
8
× 11.5
8
× 15
8
× 15
8
× 20
10
× 20
10
× 20
10
× 25
10
× 31.5
10
× 31.5
12.5
× 25
12.5
× 25
12.5
× 31.5
12.5
× 35.5
12.5
× 40
16
× 31.5
16
× 35.5
16
× 40
18
× 35.5
18
× 40
43.0
23.0
17.0
10.0
6.60
4.10
2.80
1.90
1.20
1.00
0.81
0.67
0.55
0.47
0.38
0.33
0.28
0.24
0.21
0.18
0.15
0.13
0.11
0.098
0.087
0.072
0.062
0.053
0.047
0.041
0.036
116.0
62.0
46.0
27.0
18.0
11.0
7.60
5.10
3.20
2.70
2.20
1.80
1.50
1.30
1.00
0.89
0.76
0.65
0.57
0.49
0.41
0.35
0.30
0.26
0.23
0.19
0.17
0.14
0.13
0.11
0.097
17
23
27
35
43
54
68
83
104
114
131
155
230
269
299
352
423
456
526
606
663
774
798
904
1000
1130
1520
1730
1920
2070
2300
8
11
13
17
21
27
34
41
52
57
65
80
122
146
169
202
252
274
326
386
438
519
553
641
730
843
1160
1340
1530
1680
1910
10
× 12.5
10
× 12.5
10
× 15
12.5
× 15
12.5
× 15
12.5
× 15
16
× 15
16
× 15
16
× 15
18
× 15
16
× 20
16
× 25
18
× 20
18
× 25
18
× 31.5
18
× 35.5
0.50
0.42
0.36
0.31
0.27
0.23
0.19
0.17
0.14
0.12
0.11
0.093
0.080
0.070
0.062
0.056
1.40
1.10
0.97
0.84
0.73
0.62
0.51
0.46
0.38
0.32
0.30
0.25
0.22
0.19
0.17
0.15
268
293
337
402
430
466
681
719
793
917
995
1170
1230
1420
1600
1770
145
166
193
239
258
289
433
475
531
635
706
854
918
1080
1240
1410
105˚C /
10kHz to
200kHz
105˚C /
10kHz to
200kHz
1
2.2
3.3
4.7
10
22
33
47
100
010
2R2
3R3
4R7
100
220
330
470
101
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 15
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
19
30
50
57
90
140
175
220
330
2C
Cap. (µF)
1 Rated ripple current (mArms) at 105˚C 120Hz
160
2D
200
2E
250
2F
315
2V
350
2G
400
2W
450
8
× 11.5
8
× 11.5
10
× 12.5
10
× 15
10
× 20
12.5
× 25
16
× 25
16
× 25
18
× 40
19
30
50
60
95
145
180
220
345
10
× 15
10
× 20
12.5
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
Case size
17
28
48
55
90
135
170
1
8
× 11.5
10
× 12.5
10
× 15
10
× 15
12.5
× 20
16
× 25
16
× 25
16
× 31.5
18
× 40
19
32
52
60
98
150
180
225
345
8
× 11.5
10
× 12.5
10
× 15
10
× 20
12.5
× 20
16
× 25
16
× 31.5
18
× 35.5
19
32
52
65
98
150
185
235
10
× 12.5
10
× 15
10
× 20
10
× 20
12.5
× 25
16
× 25
16
× 35.5
18
× 40
21
34
54
65
100
150
190
240
10
× 12.5
10
× 15
10
× 20
12.5
× 20
12.5
× 25
16
× 31.5
18
× 35.5
17
28
47
55
85
130
170
V (Code)
V
In case of low profile type,
will be put at 12th digit of type numbering system.
6
Item
Code
CAT.8100C


Similar Part No. - UPJ1J181MPD

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UPJ1J182MDD NICHICON-UPJ1J182MDD Datasheet
135Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
UPJ1J182MED NICHICON-UPJ1J182MED Datasheet
135Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
UPJ1J182MHD NICHICON-UPJ1J182MHD Datasheet
135Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
UPJ1J182MPD NICHICON-UPJ1J182MPD Datasheet
135Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results

Similar Description - UPJ1J181MPD

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLP CDE-SLP Datasheet
369Kb / 9P
   Best for switching power supplies
logo
TDK Electronics
ER9 TDK-ER9 Datasheet
250Kb / 4P
   For Switching Power Supplies SMD Cores
logo
Nichicon corporation
UPW1C681MPD1TD NICHICON-UPW1C681MPD1TD Datasheet
81Kb / 5P
   Miniature Sized, Low lmpedance, High Reliability For Switching Power Supplies
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com