Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB11 Datasheet(PDF) 6 Page - Rohm

Part # EMB11
Description  PNP -100mA -50V Complex Digital Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

EMB11 Datasheet(HTML) 6 Page - Rohm

  EMB11 Datasheet HTML 1Page - Rohm EMB11 Datasheet HTML 2Page - Rohm EMB11 Datasheet HTML 3Page - Rohm EMB11 Datasheet HTML 4Page - Rohm EMB11 Datasheet HTML 5Page - Rohm EMB11 Datasheet HTML 6Page - Rohm EMB11 Datasheet HTML 7Page - Rohm EMB11 Datasheet HTML 8Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Data Sheet
EMB11 / UMB11N / IMB11A
lDimensions
(Unit : mm)
Dimension in mm/inches
UMT6
Patterm of terminal position areas
x
S A
A
e
D
b
c
Q
A3
y S
b2
e
S
MIN
MAX
MIN
MAX
A
0.80
1.00
-
0.039
A1
0.00
0.10
0
0.004
A3
b
0.15
0.30
0.006
0.012
c
0.10
0.20
0.004
0.008
D
1.90
2.10
0.075
0.083
E
1.15
1.35
0.045
0.053
e
HE
2.00
2.20
0.079
0.087
L1
0.20
0.50
0.008
0.02
Lp
0.25
0.55
0.01
0.022
Q
0.10
0.30
0.004
0.012
x
-
0.10
-
0.004
y
-
0.10
-
0.004
MIN
MAX
MIN
MAX
e1
b2
-
0.40
-
0.016
l1
-
0.65
-
0.026
0.25
0.01
DIM
MILIMETERS
INCHES
1.55
0.06
DIM
MILIMETERS
INCHES
0.65
0.03
6/7
2012.06 - Rev.B


Similar Part No. - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
74Kb / 3P
   General purpose (dual digital transistors)
logo
Shenzhen Jin Yu Semicon...
EMB11 HTSEMI-EMB11 Datasheet
1Mb / 1P
   dual digital transistors (PNP PNP)
logo
Jiangsu Changjiang Elec...
EMB11 JIANGSU-EMB11 Datasheet
3Mb / 3P
   Dual Digital Transistors (PNP P NP)
logo
Rohm
EMB11 ROHM-EMB11 Datasheet
1Mb / 11P
   General purpose Dual digital transistors
logo
Excelliance MOS Corp.
EMB11A03G EXCELLIANCE-EMB11A03G Datasheet
202Kb / 5P
   Dual N?륝hannel Logic Level Enhancement Mode Field Effect Transistor
More results

Similar Description - EMB11

ManufacturerPart #DatasheetDescription
logo
Rohm
UMB2NTN ROHM-UMB2NTN Datasheet
471Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB10NTN ROHM-UMB10NTN Datasheet
486Kb / 8P
   PNP -100mA -50V Complex Digital Transistors
UMB4NTN ROHM-UMB4NTN Datasheet
447Kb / 7P
   PNP -100mA -50V Complex Digital Transistors
IMB10AFRA ROHM-IMB10AFRA Datasheet
1Mb / 10P
   PNP -100mA -50V Complex Digital Transistors
2012.06 - Rev.D
UMH9NTN ROHM-UMH9NTN Datasheet
482Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
IMH2AT110 ROHM-IMH2AT110 Datasheet
681Kb / 8P
   NPN 100mA 50V Complex Digital Transistors
UMG5NTR ROHM-UMG5NTR Datasheet
420Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMH25 ROHM-EMH25_12 Datasheet
432Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
EMG8T2R ROHM-EMG8T2R Datasheet
435Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
UMG4NTR ROHM-UMG4NTR Datasheet
424Kb / 7P
   NPN 100mA 50V Complex Digital Transistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com