Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UHV1V101MED Datasheet(PDF) 2 Page - Nichicon corporation

Part No. UHV1V101MED
Description  High Ripple Low Impedance
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

UHV1V101MED Datasheet(HTML) 2 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HV
series
ALUMINUM ELECTROLYTIC CAPACITORS
Standard Ratings
100
150
220
330
470
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
101
151
221
331
471
681
821
102
122
152
182
222
272
332
392
472
562
682
822
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
8
× 15
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
12.5
× 35.5
16
× 20
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.043
0.046
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.011
0.014
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.133
0.143
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.029
0.036
0.033
360
460
550
900
990
1250
1360
1330
1550
1815
2160
2475
2500
2725
3190
3795
3925
3575
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
8
× 15
10
× 16
10
× 16
8
× 20
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.043
0.046
0.030
0.030
0.031
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.133
0.143
0.095
0.095
0.105
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
820
990
1250
1360
1330
1650
1815
1550
2160
2475
2475
2725
3190
3795
3575
3925
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
8
× 15
10
× 16
10
× 16
8
× 20
10
× 20
10
× 20
10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.043
0.046
0.030
0.030
0.031
0.019
0.019
0.017
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.133
0.143
0.095
0.095
0.105
0.057
0.057
0.051
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
830
990
1360
1330
1650
1815
1550
1930
2160
2475
2725
3190
3795
3575
3925
3990
Cap.(µF)
V (Code)
6.3 (0J)
Case size
φ D
× L
(mm)
Case size
φ D
× L
(mm)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
Impedance (
Ω) MAX.
20˚C / 100kHz
20˚C / 100kHz
20˚C / 100kHz
–10˚C / 100kHz
–10˚C / 100kHz
–10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
10 (1A)
16 (1C)
Item
Code
: In this case,
will be put at 12th digit of
type numbering system.
6
120Hz
1kHz
10kHz
100kHz or more
0.90
0.94
0.95
0.95
0.98
1.00
1.00
1.00
1.00
1.00
Cap. (µF)
Frequency
Frequency coefficient of rated ripple current
47 to 150
220 to 560
680 to 1800
2200 to 3900
4700 to 8200
0.75
0.85
0.87
0.90
0.95
0.40
0.50
0.60
0.75
0.85
47
68
100
150
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
470
680
101
151
221
271
331
391
471
561
681
821
102
122
152
182
222
272
332
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.059
0.046
0.043
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.181
0.143
0.133
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
810
900
990
1330
1360
1550
1815
2160
2475
2475
2725
3190
3795
3575
3925
3990
5
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
8
× 15
10
× 12.5
8
× 20
10
× 16
10
× 20
10
× 25
12.5
× 20
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
12.5
× 35.5
16
× 25
0.23
0.10
0.10
0.059
0.059
0.046
0.043
0.031
0.030
0.019
0.017
0.016
0.016
0.014
0.012
0.014
0.011
0.012
0.76
0.33
0.33
0.181
0.181
0.143
0.133
0.105
0.095
0.057
0.051
0.041
0.041
0.036
0.031
0.036
0.029
0.033
360
450
550
820
990
1330
1360
1550
1815
2160
2475
2725
2920
3190
3795
3575
3925
3990
Cap.(µF)
V (Code)
25 (1E)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz –10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
35 (1V)
Case size
φ D
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz –10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
Item
Code
CAT.8100B


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn