Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UHV1V101MED Datasheet(PDF) 1 Page - Nichicon corporation

Part No. UHV1V101MED
Description  High Ripple Low Impedance
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NICHICON [Nichicon corporation]
Homepage  http://www.nichicon-us.com
Logo 

UHV1V101MED Datasheet(HTML) 1 Page - Nichicon corporation

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ALUMINUM ELECTROLYTIC CAPACITORS
HV
series
High Ripple Low Impedance
Lower impedance at high frequency range.
Smaller case size and high ripple current.
Compliant to the RoHS directive (2002/95/EC).
Specifications
HV
HD
Approved by Reliability Center for Electronic
Component, Japan-Certification No. RCJ-03-23C
Dimension table in next page.
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Radial Lead Type
Type numbering system (Example : 25V 150µF)
U
1
H
2
V
3
1
4
E
5
1
6
5
7
1
8
M
9
E
10
D
11
12
15MIN
4MIN
(mm)
φD
P
φd
10
5.0
0.6
5
2.0
0.5
12.5
5.0
16
7.5
0.6
0.8
6.3
2.5
0.5
0.6
8
3.5
Size code
Configuration
Series name
Type
Pressure
relief vent
φd
(
φ6.3up)
L+ MAX.
Capacitance tolerance (
± 20%)
Rated capacitance (150
µF)
Rated voltage (25V)
(L < 20) 1.5
(L
20) 2.0
φ D
5
Pb-free leadwire
Pb-free PET sleeve
DD
6.3
ED
8 · 10
PD
12.5 · 16
HD
Configuration
Sleeve (P.E.T.)
In case L > 25 for the
φ12.5 dia. unit, lead dia. φ d = 0.8mm.
Performance Characteristics
ltem
0.21
0.18
0.15
0.13
0.11
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Marking
– 40 to +105˚C
6.3 to 35V
47 to 8200µF
± 20% at 120Hz, 20˚C
After 2 minutes' application of rated voltage, leakage current is not more than 0.01CV or 3 (µA), whichever is greater.
Rated voltage (V)
Rated voltage (V)
tan
δ (MAX.)
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Z–25˚C / Z+20˚C
Z–40˚C / Z+20˚C
Impedance ratio
ZT / Z20 (MAX.)
6.3
10162535
22222
33333
6.3
10162535
Printed with white color letter on black sleeve.
120Hz 20˚C
120Hz
Smaller
• Please refer to page 20 about the end seal configulation.
Capacitance change
Leakage current
The specifications listed at right shall be met when the
capacitors are restored to 20
˚C after D.C. bias plus
rated ripple current is applied for 6000 hours (5000
hours for
φD=5 and 6.3) at 105˚C, the peak voltage
shall not exceed the rated voltage.
tan
δ
Within ± 25% of the initial capacitance value (6.3V 10V : ± 30%)
Less than or equal to the initial specified value
200% or less than the initial specified value
CAT.8100B


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn