Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE-56-000-Q12-C Datasheet(PDF) 8 Page - Murata Manufacturing Co., Ltd.

Part # UHE-56-000-Q12-C
Description  Isolated, High Effi ciency, 1.6 x 2 2-10 Amp, 12-30 Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHE-56-000-Q12-C Datasheet(HTML) 8 Page - Murata Manufacturing Co., Ltd.

Back Button UHE-56-000-Q12-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. UHE-56-000-Q12-C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
UHE Series
Isolated, High Efficiency, 1.6" × 2"
2-10 Amp, 12-30 Watt DC/DC Converters
MDC_UHE_12-30W Series.C01 Page 8 of 16
www.murata-ps.com/support
Typical Performance Curves


Similar Part No. - UHE-56-000-Q12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE-5/5000-Q12-C MURATA-UHE-5/5000-Q12-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q12-C MURATA-PS-UHE-5/5000-Q12-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/5000-Q48-C MURATA-UHE-5/5000-Q48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q48-C MURATA-PS-UHE-5/5000-Q48-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/6000-D48-C MURATA-UHE-5/6000-D48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
More results

Similar Description - UHE-56-000-Q12-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE MURATA-UHE Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
logo
AIMTEC
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com