Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHE-55-000-Q48-C Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # UHE-55-000-Q48-C
Description  Isolated, High Effi ciency, 1.6 x 2 2-10 Amp, 12-30 Watt DC/DC Converters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UHE-55-000-Q48-C Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  UHE-55-000-Q48-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UHE-55-000-Q48-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
UHE Series
Isolated, High Efficiency, 1.6" × 2"
2-10 Amp, 12-30 Watt DC/DC Converters
MDC_UHE_12-30W Series.C01 Page 4 of 16
www.murata-ps.com/support
MECHANICAL SPECIFICATIONS
* Pins 5 and 8 are installed for optional R-suffix versions of 1.2-5VOUT models.
If installed, always connect the sense pins either to a remote load or to their
respective VOUT pin.
See page 3 for complete Part Number structure & ordering details.
6
PLASTIC CASE
0.040 ±0.001 DIA.
(1.016 ±0.025)
0.20 MIN
(5.08)
2.00
(50.8)
0.40
(10.2)
STANDOFF
0.020 (0.5)
1.800
(45.72)
0.10
(2.54)
0.200
(5.1)
0.200
(5.1)
0.20
(5.1)
0.400
(10.16)
0.100
(2.5)
1.60
(40.6)
BOTTOM VIEW
9
5
8
7
1
2
4
3
0.400 (10.16)
2 EQ. SP. @
0.200 (5.08)
0.400
(10.2)
INPUT/OUTPUT CONNECTIONS
Pin
Function P51
Function P52
1
+Input
+Input
2
–Input
–Input
3
No Pin
No Pin
4
On/Off Control
On/Off Control
5
No Pin
Sense*
6
+Output
+Output
7
–Output
–Output
8
No Pin
–Sense*
9
Trim
Trim
Third Angle Projection
Dimensions are in inches (mm) shown for ref. only.
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 2˚


Similar Part No. - UHE-55-000-Q48-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE-5/5000-Q12-C MURATA-UHE-5/5000-Q12-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q12-C MURATA-PS-UHE-5/5000-Q12-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/5000-Q48-C MURATA-UHE-5/5000-Q48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Murata Power Solutions ...
UHE-5/5000-Q48-C MURATA-PS-UHE-5/5000-Q48-C Datasheet
1Mb / 16P
   Isolated, High Efficiency, 1.6" × 2" 2-10 Amp, 12-30 Watt DC/DC Converters
2021
logo
Murata Manufacturing Co...
UHE-5/6000-D48-C MURATA-UHE-5/6000-D48-C Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
More results

Similar Description - UHE-55-000-Q48-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UHE MURATA-UHE Datasheet
481Kb / 16P
   Isolated, High Effi ciency, 1.6" 횞 2" 2-10 Amp, 12-30 Watt DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
AIMTEC
AM2D AIMTEC-AM2D Datasheet
268Kb / 3P
   2 watt dc-dc converters
logo
Linear Technology
LTM4600 LINER-LTM4600_06 Datasheet
343Kb / 24P
   10A High Effi ciency DC/DC 關Module
logo
AIMTEC
AM2N-N AIMTEC-AM2N-N Datasheet
459Kb / 3P
   2 watt dc-dc converters
AM2S AIMTEC-AM2S Datasheet
241Kb / 2P
   2 watt dc-dc converters
AM2D-N AIMTEC-AM2D-N Datasheet
389Kb / 3P
   2 watt dc-dc converters
AM2F AIMTEC-AM2F Datasheet
246Kb / 2P
   2 watt dc-dc converters
logo
CINCON ELECTRONICS Corp...
EC2SB CINCON-EC2SB Datasheet
218Kb / 2P
   10 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com