Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4281 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4281
Description  CrystalClear PCI Audio interface
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4281 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4281 Datasheet HTML 5Page - Cirrus Logic CS4281 Datasheet HTML 6Page - Cirrus Logic CS4281 Datasheet HTML 7Page - Cirrus Logic CS4281 Datasheet HTML 8Page - Cirrus Logic CS4281 Datasheet HTML 9Page - Cirrus Logic CS4281 Datasheet HTML 10Page - Cirrus Logic CS4281 Datasheet HTML 11Page - Cirrus Logic CS4281 Datasheet HTML 12Page - Cirrus Logic CS4281 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
DS308PP4
9
CS4281
CrystalClear™ PCI Audio Interface
CIRRUS LOGIC PRODUCT DATA SHEET
OVERVIEW
The CS4281 provides a low-cost PCI audio solution with Legacy Game compatibility for the PC environ-
ment. The CS4281 is compatible with the CS4614 and CS4280-CM. The CS4281 is divided into several
functional blocks.
PCI Interface
Sound System Interface
FM Synthesis
Peripheral Devices (MIDI & Gameport)
The PCI Interface is the physical connection to the bus. It is subdivided into several smaller functional
groups such as: PCI configuration and interface, DMA controller, interrupt control, and chip control. The
PCI interface serves as a Master/Target PCI device and its two-base address registers provide access to the
chip operation registers and internal memory blocks. The Sound System Interface provides all the registers
and controls to operate the entire sound system. The FM Synthesis provides full compatibility with market
standard FM-based music synthesis used in DOS games and educational software. The CS4281’s flexibil-
ity is further enhanced by the inclusion of peripheral devices such as Hardware Volume Control, Clock
Generation, General Purpose I/O (GPIO), MIDI UART Port, Game (Joystick) Port, and the AC Link.
The DMA Engine provides dedicated hardware to manage transfer of up to 4 concurrent audio/data streams
to and from host memory buffers. Four Bus Mastering DMA controllers support simultaneous capture,
play, modem transmit, and modem receive.
The CS4281 supports a variety of audio I/O configurations including a single CS4297A CrystalClear
AC ’97 Codec or dual CS4297A codecs where the second codec is used as a portable’s docking station
solution. The combination of a CS4281 with a CS4298 AMC ‘97 codec, provides a cost-effective, superior
quality, two-chip audio/modem solution.
Legacy Support
Legacy games are supported by CrystalClear Legacy Support CCLS™, DDMA, or by the PC/PCI inter-
face. In both motherboard and add-in card designs, CCLS and DDMA provide support for legacy games
by providing a hardware interface that supports a Sound Blaster Pro™ compatible interface, as well as sup-
port for FM, and joystick interfaces. These hardware interfaces provide PCI-only games compatibility for
real-mode DOS and Windows DOS box support.
For motherboard designs, PC/PCI is used by connecting the PCGNT# and PCREQ# pins to the appropriate
pins on the south bridge motherboard chip. The PC/PCI interface is compliant with Intel’s PC/PCI spec.
(version 1.2).
SYSTEM ARCHITECTURES
A typical system diagram depicting connection of the CS4281 to the CrystalClear CS4297A AC ’97 Codec
is given in Figure 5. All analog audio inputs and outputs are connected to the CS4297A. Audio data is
passed between the CS4297A and the CS4281 over the serial AC-Link. The CS4281 provides a hardware
interface for connection of a joystick and MIDI devices.
Figure 6 depicts the CS4281 using both AC ‘97 codec interfaces in a portable design. The primary AC ‘97
interface is connected to a CS4297A used for all audio I/O inside and connected to the portable. The second
AC ‘97 interface is sent across to the docking station which contains a second CS4297A. The second codec


Similar Part No. - CS4281

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888 CIRRUS-CS42888 Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZ CIRRUS-CS42888-CQZ Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
CS42888-CQZR CIRRUS-CS42888-CQZR Datasheet
1Mb / 61P
   108 dB, 192 kHz 4-In, 8-Out CODEC
More results

Similar Description - CS4281

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4614 CIRRUS-CS4614 Datasheet
221Kb / 24P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4630 CIRRUS-CS4630 Datasheet
526Kb / 38P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4610 CIRRUS-CS4610 Datasheet
446Kb / 29P
   CrystalClear SoundFusion PCI Audio Accelerator
CS4297A CIRRUS-CS4297A Datasheet
938Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4297 CIRRUS-CS4297 Datasheet
936Kb / 46P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ Datasheet
474Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299 Datasheet
951Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299 CIRRUS-CS4299_06 Datasheet
1Mb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4299-BQ CIRRUS-CS4299-BQ_06 Datasheet
655Kb / 52P
   CrystalClear SoundFusion Audio Codec 97
CS4239 CIRRUS-CS4239 Datasheet
1Mb / 98P
   CrystalClear??Portable ISA Audio System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com