Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UF3N25Z Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UF3N25Z
Description  3A, 250V N-CHANNEL POWER MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3N25Z Datasheet(HTML) 2 Page - Unisonic Technologies

  UF3N25Z Datasheet HTML 1Page - Unisonic Technologies UF3N25Z Datasheet HTML 2Page - Unisonic Technologies UF3N25Z Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UF3N25Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-760.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
250
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
Continuous
ID
3
A
Pulsed
IDM
12
A
Avalanche Energy
EAS
52
mJ
Power Dissipation
SOT-223
PD
0.8
W
TO-251/TO-252
1.14
W
Junction Temperature
TJ
+150
°C
Storage Temperature Range
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
ID=250µA, VGS=0V
250
V
Drain-Source Leakage Current
IDSS
VDS=250V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS=+20V, VDS=0V
10
µA
Reverse
VGS=-20V, VDS=0V
-10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
ID=250µA
2
4
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=3A
1.7
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VGS=0V, VDS=25V, f=1MHz
190
pF
Output Capacitance
COSS
80
pF
Reverse Transfer Capacitance
CRSS
30
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDD=50V, ID=3A, IG=100µA,
VGS=10V
3.2
nC
Gate to Source Charge
QGS
0.64
nC
Gate to Drain Charge
QGD
1.6
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=1A, RG=25
Ω,
VGS=0~10V
20
ns
Rise Time
tR
90
ns
Turn-OFF Delay Time
tD(OFF)
30
ns
Fall-Time
tF
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
3
A
Maximum Body-Diode Pulsed Current
ISM
12
A
Drain-Source Diode Forward Voltage
VSD
IS=3A
1.3
V


Similar Part No. - UF3N25Z

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF3N25ZG-AA3-R UTC-UF3N25ZG-AA3-R Datasheet
186Kb / 4P
   N-CHANNEL JUNCTION FET
UF3N25ZG-TM3-T UTC-UF3N25ZG-TM3-T Datasheet
186Kb / 4P
   N-CHANNEL JUNCTION FET
UF3N25ZG-TN3-R UTC-UF3N25ZG-TN3-R Datasheet
186Kb / 4P
   N-CHANNEL JUNCTION FET
UF3N25ZL-AA3-R UTC-UF3N25ZL-AA3-R Datasheet
186Kb / 4P
   N-CHANNEL JUNCTION FET
UF3N25ZL-TM3-T UTC-UF3N25ZL-TM3-T Datasheet
186Kb / 4P
   N-CHANNEL JUNCTION FET
More results

Similar Description - UF3N25Z

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM600N25E TSC-TSM600N25E Datasheet
456Kb / 7P
   250V N-Channel Power MOSFET
logo
Unisonic Technologies
UF624Z UTC-UF624Z Datasheet
221Kb / 7P
   4.4A, 250V N-CHANNEL POWER MOSFET
UFP254 UTC-UFP254 Datasheet
132Kb / 3P
   23A, 250V N-CHANNEL POWER MOSFET
12N25 UTC-12N25 Datasheet
194Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
12N25V UTC-12N25V Datasheet
204Kb / 5P
   12A, 250V N-CHANNEL POWER MOSFET
33N25 UTC-33N25 Datasheet
181Kb / 5P
   33A, 250V N-CHANNEL POWER MOSFET
UFP264 UTC-UFP264 Datasheet
192Kb / 3P
   38A, 250V N-CHANNEL POWER MOSFET
15N25 UTC-15N25 Datasheet
151Kb / 3P
   15A, 250V N-CHANNEL POWER MOSFET
18N25 UTC-18N25 Datasheet
180Kb / 5P
   18A, 250V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDB33N25 FAIRCHILD-FDB33N25 Datasheet
688Kb / 2P
   250V N-Channel MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com