Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4227-BQ Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS4227-BQ
Description  Six Channel, 20-Bit Codec
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4227-BQ Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS4227-BQ Datasheet HTML 5Page - Cirrus Logic CS4227-BQ Datasheet HTML 6Page - Cirrus Logic CS4227-BQ Datasheet HTML 7Page - Cirrus Logic CS4227-BQ Datasheet HTML 8Page - Cirrus Logic CS4227-BQ Datasheet HTML 9Page - Cirrus Logic CS4227-BQ Datasheet HTML 10Page - Cirrus Logic CS4227-BQ Datasheet HTML 11Page - Cirrus Logic CS4227-BQ Datasheet HTML 12Page - Cirrus Logic CS4227-BQ Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CS4227
DS281PP2
9
SWITCHING CHARACTERISTICS - CONTROL PORT (T
A = 25 °C; VA+, VD+ = +5 V ±5%;
Inputs: logic 0 = DGND, logic 1 = VD+; CL = 30 pF)
Notes: 17. I2C® is a registered trademark of Philips Semiconductors.
18. Data must be held for sufficient time to bridge the 300 ns transition time of SCL.
Parameter
Symbol
Min
Max
Unit
I2C® Mode (SPI/I2C = 1)
(Note 17)
SCL Clock Frequency
fscl
-100
kHz
Bus Free Time Between Transmissions
tbuf
4.7
-
µs
Start Condition Hold Time (prior to first clock pulse)
thdst
4.0
-
µs
Clock Low Time
tlow
4.7
-
µs
Clock High Time
thigh
4.0
-
µs
Setup Time for Repeated Start Condition
tsust
4.7
-
µs
SDA Hold Time for SCL Falling
(Note 18)
thdd
0-
µs
SDA Setup Time to SCL Rising
tsud
250
-
ns
Rise Time of Both SDA and SCL Lines
tr
-1
µs
Fall Time of Both SDA and SCL Lines
tf
-
300
ns
Setup Time for Stop Condition
tsusp
4.7
-
µs
t
buf
t
hdst
t
hdst
t
low
t r
t f
t
hdd
t
high
t sud
t sust
t susp
Stop
Start
Start
Stop
Repeated
SDA
SCL
Figure 4. Control Port I
2C Mode


Similar Part No. - CS4227-BQ

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4220 CIRRUS-CS4220 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4220-KS CIRRUS-CS4220-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221 CIRRUS-CS4221 Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4221-KS CIRRUS-CS4221-KS Datasheet
770Kb / 32P
   24-Bit Stereo Audio Codec with 3V Interface
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
More results

Similar Description - CS4227-BQ

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC650-VF REALTEK-ALC650-VF Datasheet
791Kb / 46P
   SIX-CHANNEL AC??7 AUDIO CODEC
logo
List of Unclassifed Man...
STAC9460 ETC1-STAC9460 Datasheet
210Kb / 21P
   Two and Six-Channel, 24-Bit, 192 kHz Audio Codec
logo
Realtek Semiconductor C...
ALC655 REALTEK-ALC655 Datasheet
654Kb / 40P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
ALC658 REALTEK-ALC658 Datasheet
597Kb / 51P
   SIX-CHANNEL AC??7 2.3 AUDIO CODEC
logo
Texas Instruments
DS92LV1260 TI1-DS92LV1260_14 Datasheet
714Kb / 21P
[Old version datasheet]   Six Channel 10 Bit BLVDS Deserializer
logo
National Semiconductor ...
DS92LV1260 NSC-DS92LV1260 Datasheet
366Kb / 17P
   Six Channel 10 Bit BLVDS Deserializer
logo
SHENZHEN FUMAN ELECTRON...
74HC04D FUMAN-74HC04D Datasheet
159Kb / 8P
   Six-bit inverter
logo
Cirrus Logic
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
logo
Asahi Kasei Microsystem...
AK4665A AKM-AK4665A Datasheet
527Kb / 52P
   20-Bit Stereo CODEC with MIC/HP-AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com