Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS4224-BS Datasheet(PDF) 4 Page - Cirrus Logic

Part # CS4224-BS
Description  24-Bit 105 dB Audio Codec with Volume Control
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4224-BS Datasheet(HTML) 4 Page - Cirrus Logic

  CS4224-BS Datasheet HTML 1Page - Cirrus Logic CS4224-BS Datasheet HTML 2Page - Cirrus Logic CS4224-BS Datasheet HTML 3Page - Cirrus Logic CS4224-BS Datasheet HTML 4Page - Cirrus Logic CS4224-BS Datasheet HTML 5Page - Cirrus Logic CS4224-BS Datasheet HTML 6Page - Cirrus Logic CS4224-BS Datasheet HTML 7Page - Cirrus Logic CS4224-BS Datasheet HTML 8Page - Cirrus Logic CS4224-BS Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
CS4223 CS4224
4
DS290PP3
1. CHARACTERISTICS AND SPECIFICATIONS
ANALOG CHARACTERISTICS (T
A = 25° C; VA, VD = +5 V; Full Scale Input Sine wave, 997 Hz;
Fs = 48 kHz; Measurement Bandwidth is 20 Hz to 20 kHz; Local components as shown in Figures 4 and 5; SPI®
mode, Format 0, unless otherwise specified.)
Notes: 1. Referenced to typical full-scale differential input voltage (2 Vrms).
2. Filter characteristics scale with output sample rate. For output sample rates, Fs, other than 48 kHz, the
0.01 dB passband edge is 0.4535x Fs and the stopband edge is 0.625x Fs.
3. The analog modulator samples the input at 6.144 MHz for an Fs equal to 48 kHz. There is no rejection
of input signals which are multiples of the sampling frequency (n x 6.144 MHz ±21.8 kHz where
n = 0,1,2,3...).
4. Group delay for Fs = 48 kHz, tgd = 15/48 kHz = 312 µs.
Parameter
Symbol
CS4223/4 - KS
CS4223/4 - BS
Unit
Min
Typ
Max
Min
Typ
Max
Analog Input Characteristics
ADC Resolution
--
24
--
24
Bits
Total Harmonic Distortion
THD
-
0.0014
-
-
0.0014
-
%
Dynamic Range
A-weighted
unweighted
100
97
105
102
-
-
95
92
105
102
-
-
dB
dB
Total Harmonic Distortion + Noise
(Note 1) THD+N
-
-97
-92
-
-97
-87
dB
Interchannel Isolation
(1 kHz)
-
90
-
-
90
-
dB
Interchannel Gain Mismatch
-
-
0.1
-
-
0.1
dB
Offset Error
with High Pass Filter
-
-
0
-
-
0
LSB
Full Scale Input Voltage (Differential)
1.9
2.0
2.1
1.9
2.0
2.1
Vrms
Gain Drift
-
100
-
-
100
-
ppm/°C
Input Resistance
10
-
-
10
-
-
k
Input Capacitance
-
-
15
-
-
15
pF
Common Mode Input Voltage
-
2.3
-
-
2.3
-
V
A/D Decimation Filter Characteristics
Passband
(Note 2)
0
-
21.8
0
-
21.8
kHz
Passband Ripple
-
-
±0.01
-
-
±0.01
dB
Stopband
(Note 2)
30
-
6114
30
-
6114
kHz
Stopband Attenuation
(Note 3)
80
-
-
80
-
-
dB
Group Delay (Fs = Output Sample Rate)
(Note 4)
tgd
-15/Fs
-
-
15/Fs-
s
Group Delay Variation vs. Frequency
∆t
gd
--
0
-
-
0
µs
High Pass Filter Characteristics
Frequency Response
-3 dB (Note 2)
-0.1 dB
-
-
3.7
20
-
-
-
-
3.7
20
-
-
Hz
Hz
Phase Deviation
@ 20 Hz
(Note 2)
-
10
-
-
10
-
Degree
Passband Ripple
-
-
0
-
-
0
dB


Similar Part No. - CS4224-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4224-KS CIRRUS-CS4224-KS Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
More results

Similar Description - CS4224-BS

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4223 CIRRUS-CS4223_03 Datasheet
790Kb / 34P
   24-Bit 105 dB Audio Codec with Volume Control
CS4265 CIRRUS-CS4265 Datasheet
961Kb / 53P
   105 dB, 24-Bit, 192 kHz Stereo Audio CODEC
CS4222 CIRRUS-CS4222 Datasheet
580Kb / 26P
   20-Bit Stereo Audio Codec with Volume Control
CS4222 CIRRUS-CS4222_02 Datasheet
616Kb / 29P
   20-Bit Stereo Audio Codec with Volume Control
logo
Wolfson Microelectronic...
WM8569 WOLFSON-WM8569_06 Datasheet
449Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8569 WOLFSON-WM8569 Datasheet
417Kb / 36P
   24-bit, 192kHz Stereo CODEC with Volume Control
WM8772 WOLFSON-WM8772_05 Datasheet
774Kb / 73P
   24-bit, 192kHz 6-Channel Codec with Volume Control
WM8772 WOLFSON-WM8772 Datasheet
678Kb / 70P
   24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL
WM8770 WOLFSON-WM8770 Datasheet
564Kb / 52P
   24-bit, 192kHz 8-Channel Codec with Volume Control
logo
Cirrus Logic
CS4245 CIRRUS-CS4245 Datasheet
1Mb / 54P
   105 dB, 24-Bit, 192 kHz Streo Sudio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com